Electronic Components Datasheet Search
  English  ▼

X  

AP1086 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1086
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1086 Datasheet HTML 1Page - Diodes Incorporated AP1086 Datasheet HTML 2Page - Diodes Incorporated AP1086 Datasheet HTML 3Page - Diodes Incorporated AP1086 Datasheet HTML 4Page - Diodes Incorporated AP1086 Datasheet HTML 5Page - Diodes Incorporated AP1086 Datasheet HTML 6Page - Diodes Incorporated AP1086 Datasheet HTML 7Page - Diodes Incorporated AP1086 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086 Rev. 2
4 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Application
5V to 3.3V Fixed Mode Regulator
Adjustable Regulator
C2
100uF
5V
3.3V/1.5A
Tab is Vout
Vin
Vout
GND
C1
100uF
R1
121
R2
121
C2
100uF
5V
2.5V/1.5A
Tab is Vout
Vin
Vout
C1
100uF
Adj
V
OUT=Vref
(1+R2/R1)
Ω
Ω
×
)
1
2
REF
o
R
R
(1
V
V
+
∗
=
Note:
Functional Description
Introduction
The AP1086 adjustable or fixed-mode Low Dropout (LDO) regulator is a 3 terminal device which can easily be programmed by internal
mask change to any voltages within the range of 1.25V to Vin-1.4V. The AP1086 only needs 1.4V differential between Vin and Vout to
maintain output regulation. In addition, the output voltage tolerances are also extremely tight and they include the transient response as
part of the specification. For example, Intel VRE specification calls for a total of +/- 100mV including initial tolerance, load regulation and 0
to 1.5A load step.
The AP1086 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage, reducing the
overall system cost with the need for fewer output capacitors.
Load Regulation
Since the AP1086 is only a 3 terminal device, it is not possible to provide true remote sensing of the output voltage at the load. But it can
supply good load regulation by internal feedback bypass the external loss such as adjustable mode.
Stability
The AP1086 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator stable. For
most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient response.
Thermal Design
The AP1086 incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the maximum
allowable junction temperature. Although this device can operate with junction temperatures in the range of 150
oC, it is recommended
that the selected heat sink be chosen such that during maximum continuous load operation the junction temperature is kept below the
temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible. It is recommended to use a section of a
layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency oscillation that may result
due to excessive trace inductance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com