Electronic Components Datasheet Search
  English  ▼

X  

AP1122 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1122
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122 Datasheet(HTML) 8 Page - Diodes Incorporated

  AP1122 Datasheet HTML 1Page - Diodes Incorporated AP1122 Datasheet HTML 2Page - Diodes Incorporated AP1122 Datasheet HTML 3Page - Diodes Incorporated AP1122 Datasheet HTML 4Page - Diodes Incorporated AP1122 Datasheet HTML 5Page - Diodes Incorporated AP1122 Datasheet HTML 6Page - Diodes Incorporated AP1122 Datasheet HTML 7Page - Diodes Incorporated AP1122 Datasheet HTML 8Page - Diodes Incorporated AP1122 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
8 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
(2) TO252-3L
5.20/5.50 Typ 5.35
6.354/6.80 Typ 6.58
2.28
BSC.
0.61 Typ
4.57 BSC.
9.00/10.40 Typ 9.70
SEATING
PLANE
0.51
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
2.18/2.40
Typ 2.29
0.45/0.58
Typ 0.52
0.64/1.02
Typ 0.83
0.45/0.58
Typ 0.52
0.89/
1.14
Note:
10. JEDEC Outline: TO-252 AB
Mils suggested for positive contact at mounting.
(3) SOT89-3L
1.40/1.75
Typ 1.60
2.90/3.10
Typ 3.00
4.40/4.60 Typ 4.50
0.41/0.53
Typ 0.47
0.36/0.48
Typ 0.42
80 (2x)
1.7
0.4
0.9
50 (2x)
Land Pattern Recommendation (Unit: mm)
1.5
0.36/0.48
Typ 0.42
1.45/1.55
Typ 1.50
0.35/0.43
Typ 0.39
Package Information
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com