Electronic Components Datasheet Search
  English  ▼

X  

AP1122 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1122
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1122 Datasheet HTML 1Page - Diodes Incorporated AP1122 Datasheet HTML 2Page - Diodes Incorporated AP1122 Datasheet HTML 3Page - Diodes Incorporated AP1122 Datasheet HTML 4Page - Diodes Incorporated AP1122 Datasheet HTML 5Page - Diodes Incorporated AP1122 Datasheet HTML 6Page - Diodes Incorporated AP1122 Datasheet HTML 7Page - Diodes Incorporated AP1122 Datasheet HTML 8Page - Diodes Incorporated AP1122 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
4 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
2.5V≦VIN≦12V, TA=25
oC
1.176
1.2
1.224
V
Line Regulation
IO=10mA, 2.5V<VIN<12V, TA=25
oC
0.2
%
Load Regulation
VIN=2.5V~12V,Vadj=0,0mA<Io<1A, TA=25
oC
(Note 4,5)
1
%
Dropout Voltage
(VIN-VOUT)
IOUT = 1A ,∆VOUT=0.1%VOUT
1.3
1.4
V
Current Limit
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
(Note 6)
0
oC≦Tj≦125oC
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008
0.04
%/W
Ripple Rejection
F=120Hz,COUT=25uF Tantalum, IOUT=1A,
VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient
SOT89-3L : Control Circuitry/Power Transistor (Note 7)
SOT223-3L : Control Circuitry/Power Transistor (Note 8)
TO252-3L : Control Circuitry/Power Transistor (Note 9)
182
107
73
oC/W
JC
θ Thermal Resistance
Junction-to-Case
SOT89-3L : Control Circuitry/Power Transistor (Note 7)
SOT223-3L : Control Circuitry/Power Transistor (Note 8)
TO252-3L : Control Circuitry/Power Transistor (Note 9)
42
12
16
oC/W
Note:
4. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
5. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between
input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
6. Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the device is
guaranteed to regulate if the output current is greater than 10mA.
7. Test condition for SOT89-3L: no air flow, no heat sink.
8. Test condition for SOT223-3L: TA = 27°C, no air flow, device mounted on 2”X2” polyimide PCB, 2 oz copper, 5.6mmX5.6mm pad.
9. Test condition for TO252-3L: TA = 27°C, no air flow, device mounted on 2”X2” polyimide PCB, 1 oz copper, 2cmX2cm pad.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com