Electronic Components Datasheet Search
  English  ▼

X  

AP1530 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1530
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1530 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1530 Datasheet HTML 1Page - Diodes Incorporated AP1530 Datasheet HTML 2Page - Diodes Incorporated AP1530 Datasheet HTML 3Page - Diodes Incorporated AP1530 Datasheet HTML 4Page - Diodes Incorporated AP1530 Datasheet HTML 5Page - Diodes Incorporated AP1530 Datasheet HTML 6Page - Diodes Incorporated AP1530 Datasheet HTML 7Page - Diodes Incorporated AP1530 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP1530
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
6 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
AP1530 Vout Ripple
(Vin=12V; Vout=3.3V; Iout=0.1A)
AP1530 Vout Ripple
(Vin=12V; Vout=3.3V; Iout=3A)
Test Circuit
A
FB
VCC
VSS
EN
open
open
FB
VCC
VSS
EN
+
-
OUTPUT
OUTPUT
A
FB
VCC
VSS
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
Enable function test
Feedback function test
Operation function test
1K~3K
1K~3K
1K~3K
Note:
3. For the Rocset selection, please refer to the formula in Function Description.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com