Electronic Components Datasheet Search
  English  ▼

X  

AP1530 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1530
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1530 Datasheet(HTML) 7 Page - Diodes Incorporated

  AP1530 Datasheet HTML 1Page - Diodes Incorporated AP1530 Datasheet HTML 2Page - Diodes Incorporated AP1530 Datasheet HTML 3Page - Diodes Incorporated AP1530 Datasheet HTML 4Page - Diodes Incorporated AP1530 Datasheet HTML 5Page - Diodes Incorporated AP1530 Datasheet HTML 6Page - Diodes Incorporated AP1530 Datasheet HTML 7Page - Diodes Incorporated AP1530 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP1530
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
7 of 8
MARCH 2007
www.diodes.com
© Diodes Incorporated
Function Description
PWM Control
The AP1530 consists of DC/DC converters that employ a
pulse-width modulation (PWM) system.
In converters of the AP1530, the pulse width varies in a range
from 0 to 100%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter
because the switching frequency remains constant. Therefore,
these converters provide a low-ripple power over broad ranges of
input voltage and load current.
Under Voltage Lockout
The under voltage lockout circuit of the AP1530 assures that the
high-side MOSFET driver outputs remain in the off state
whenever the supply voltage drops below 3.3V. Normal operation
resumes once VCC rises above 3.5V.
RDS(ON) Current Limiting
The current limit threshold is set by the external resistor
connected from VCC supply to OCSET. The internal 100uA sink
current crossing the resistor sets the voltage at the pin of OCSET.
When the PWM voltage is less than the voltage at OCSET, an
over-current condition is triggered.
R
I
R
I
OCSET
OCSET
DS(ON)
LOAD
×
=
×
See above formula for setting the current limit value.
Marking Information
8
5
( Top View )
Logo
Part no.
Internal code
Year: "01" =2001
"02" =2002
Xth week: 01~52
14
AP1530
YY WW X
Device
Package
Identification Code
AP1530S
SOP-8L
AP1530



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com