Electronic Components Datasheet Search
  English  ▼

X  

AP1605S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1605S
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605S Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1605S Datasheet HTML 1Page - Diodes Incorporated AP1605S Datasheet HTML 2Page - Diodes Incorporated AP1605S Datasheet HTML 3Page - Diodes Incorporated AP1605S Datasheet HTML 4Page - Diodes Incorporated AP1605S Datasheet HTML 5Page - Diodes Incorporated AP1605S Datasheet HTML 6Page - Diodes Incorporated AP1605S Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1605
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
REGULATOR
AP1605 Rev. 1
3 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
VCC Pin Voltage
VSS - 0.3 to VSS + 8
V
PVCC
PVCC Pin Voltage
VSS - 0.3 to VSS + 8
V
FB
FB Pin Voltage
VSS - 0.3 to VSS + 8
V
VCE
ON/OFF Pin Voltage
VSS - 0.3 to VSS + 8
V
VSW
Switch Pin Voltage
VSS - 0.3 to VIN + 0.3
V
PD
Power Dissipation
1200
mW
TOPR
Operating Temperature Range
-20 to +85
oC
TSTG
Storage Temperature Range
-20 to +125
oC
Caution:
The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any conditions.
Electrical Characteristics ( VIN = 5V, TA = 25°C, unless otherwise specified )
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
AP1605 Series
2.5
--
7
V
VREF
Internal Reference Voltage
1.1625
1.2
1.2375
V
VUVLO
UVLO Voltage
Voltage required to maintain VOUT
--
--
2.2
V
MAXDTY Maximum Duty Ratio
100
--
--
%
PFMDTY PFM Duty Ratio
15
25
35
%
ISW
Switch Current
Duty = 50%
3
--
--
A
ISS
Current Consumption
POWERON
VOUT = 2.5V
--
35
100
µA
ISSS
Current Consumption
During Power Off
VON/OFF = 0V
--
--
2
µA
∆VOUT1 Line Regulation
2.5V~7V @ IOUT = 0.1A
--
0.2
0.5
%
∆VOUT2 Load Regulation
0.1A~3A
--
1
1.5
%
FOSC
Oscillation Frequency
220
300
380
KHz
VCEH
CE Pin “High” Voltage
Evaluate oscillation at SW pin
0.65
--
--
VCEL
CE Pin “Low” Voltage
Evaluate oscillation stop at SW
pin
--
--
0.2
*Vcc
ISH
--
-0.1
--
0.1
µA
ISL
Power-Off Pin Input
Leakage Current
--
-0.1
--
0.1
µA
EFFI
Efficiency
VIN = 5V, VOUT = 2.5V IOUT = 1A
--
93
--
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com