Electronic Components Datasheet Search
  English  ▼

X  

AP1605S Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1605S
Description  PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1605S Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1605S Datasheet HTML 1Page - Diodes Incorporated AP1605S Datasheet HTML 2Page - Diodes Incorporated AP1605S Datasheet HTML 3Page - Diodes Incorporated AP1605S Datasheet HTML 4Page - Diodes Incorporated AP1605S Datasheet HTML 5Page - Diodes Incorporated AP1605S Datasheet HTML 6Page - Diodes Incorporated AP1605S Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP1605
PWM/PFM DUAL-MODE STEP-DOWN SWITCHING
REGULATOR
AP1605 Rev. 1
4 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
(
1) Normal Application
+
-
CC
RA
RB
D1
OUT
VSS
FB
PVCC
SW
VCC
RVCC
CVCC
AP1605
=~200K
CE
R
CE
C
CE
)
R
R
(1
VFB
Vout
B
A
+
×
=
100K
0.1uF
(
2) Application with Short Circuit Protection
AP 1605
+
-
VSS
CE
CC
RA
RB
D1
VOUT : 1.8V
FB
PVCC
SW
VCC
DVCC
1N4148 for above 5V Vin and
Schottky for below 5V Vin
CVCC
0.1uF
CPVCC
100 uF
CON/OFF
0.2uF
RON/OFF
3.5M
RBias
10M
RSENCE
1M
COUTPUT
100 uF
VIN : 2.5V~7V
)
R
R
(1
VFB
Vout
B
A
+
×
=
=~10K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com