Electronic Components Datasheet Search
  English  ▼

X  

AP2001S Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2001S
Description  MONOLITHIC DUAL CHANNEL PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2001S Datasheet(HTML) 6 Page - Diodes Incorporated

  AP2001S Datasheet HTML 1Page - Diodes Incorporated AP2001S Datasheet HTML 2Page - Diodes Incorporated AP2001S Datasheet HTML 3Page - Diodes Incorporated AP2001S Datasheet HTML 4Page - Diodes Incorporated AP2001S Datasheet HTML 5Page - Diodes Incorporated AP2001S Datasheet HTML 6Page - Diodes Incorporated AP2001S Datasheet HTML 7Page - Diodes Incorporated AP2001S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AP2001
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
6 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( Continued )
Output section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ILEAK
Leakage Current
VO = 40V
10
µA
VSAT
Output Saturation Voltage
IO = 10 mA
1.2
2
V
ISC
Short-circuit Output Current
VO = 6V
90
mA
PWM comparator
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VT0
Zero duty cycle
2.05
2.25
V
VT100
Input Threshold Voltage at f =
10 KHz (FB)
Maximum duty cycle
1.2
1.45
V
Total device
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICCS
Standby Supply Current
Off-state
2.5
3.0
mA
ICCA
Average Supply Current
RT = 10 KΩ
2.8
3.5
mA
Typical Application Circuit
AP2001
1
2
3
4
56
78
16
15
14
13
12
11
10
9
C5
R5
33k
33k
500
pF
470
470
470
220
1uF
L2
R6
R7
C4
Buck Output
V
ref
33k
500pF
C1
R2
R1
33k
50k
0.47uF
V
CC
200k
470
33k
22k
330pF
150
L1
R3
R4
C2
Boost Output
Note:
Values for R1 through R7 , C1 through C4 , and
L1 and L2 depend upon individual application.
Dual output DC/DC converter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com