Electronic Components Datasheet Search
  English  ▼

X  

AP2001S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2001S
Description  MONOLITHIC DUAL CHANNEL PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2001S Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2001S Datasheet HTML 1Page - Diodes Incorporated AP2001S Datasheet HTML 2Page - Diodes Incorporated AP2001S Datasheet HTML 3Page - Diodes Incorporated AP2001S Datasheet HTML 4Page - Diodes Incorporated AP2001S Datasheet HTML 5Page - Diodes Incorporated AP2001S Datasheet HTML 6Page - Diodes Incorporated AP2001S Datasheet HTML 7Page - Diodes Incorporated AP2001S Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP2001
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
1 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Lead-free
Dual PWM control circuitry
Operating voltage can be up to 40V
Adjustable Dead Time Control (DTC)
Under Voltage Lockout (UVLO) protection
Short Circuit Protection (SCP)
Variable oscillator frequency: 500KHz Max
2.5V voltage reference output
SOP-16L package
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
The AP2001 integrates Pulse-width-Modulation (PWM) control
circuit into a single chip, mainly designed for power-supply
regulator. All the functions included are an on-chip 2.5V
reference output, two error amplifiers, an adjustable oscillator,
two dead-time comparators, UVLO, SCP, DTC circuitry, and dual
common-emitter (CE) output transistor circuit.
Recommend the output CE transistors as pre-driver for Driving
externally. The DTC can provide from 0% to 100%. Switching
frequency can be adjustable by trimming RT and CT. During low
VCC situation, the UVLO makes sure that the outputs are off until
the internal circuit is operating normally.
Backlight inverter
DC/DC converts in computers, etc.
Ordering Information
AP 2001 X X X
Package
Packing
S: SOP-16L
- U : Tube
- 13 : Taping
Lead Free
L : Lead Free Package
(Note 2)
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number Suffix
AP2001S
S
SOP-16L
50
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP2001S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2001S ANACHIP-AP2001S Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
logo
Diodes Incorporated
AP2001S DIODES-AP2001S Datasheet
182Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
logo
Anachip Corp
AP2001SA ANACHIP-AP2001SA Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
AP2001SL ANACHIP-AP2001SL Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
AP2001SLA ANACHIP-AP2001SLA Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
More results

Similar Description - AP2001S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
Monolithic Dual Channel PWM Controller
Rev. 0.3 Feb 20, 2004
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
Dual Channel PWM Controller
logo
Microsemi Corporation
LX1752 MICROSEMI-LX1752 Datasheet
658Kb / 28P
Dual Interleaving PWM Controller
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
Dual PWM CCFL Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001_06 Datasheet
182Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Richtek Technology Corp...
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
Dual Channel PWM Controller
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com