Electronic Components Datasheet Search
  English  ▼

X  

CA3318CE Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3318CE Datasheet HTML 2Page - Intersil Corporation CA3318CE Datasheet HTML 3Page - Intersil Corporation CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation CA3318CE Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Typical Performance Curves
FIGURE 4. DEVICE CURRENT vs SAMPLE FREQUENCY
FIGURE 5. DEVICE CURRENT vs TEMPERATURE
FIGURE 6. ENOB vs TEMPERATURE
FIGURE 7. NON-LINEARITY vs TEMPERATURE
FIGURE 8. NON-LINEARITY vs SAMPLE FREQUENCY
FIGURE 9. NON-LINEARITY vs REFERENCE VOLTAGE
fS (MHz)
0
40
35
30
25
20
15
10
30
20
10
TEMPERATURE (oC)
-50
28
27
26
25
24
23
100
50
0
-25
25
75
TEMPERATURE (oC)
30
8.0
90
70
50
40
60
80
20
10
0
-10
-20
-30
-40
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
fS = 15MHz, fI = 1MHz
TEMPERATURE (oC)
30
1.00
90
70
50
40
60
80
20
10
0
-10
-20
-30
-40
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
INL
DNL
fS = 15MHz
fS (MHz)
1.20
25
15
5
10
20
0
1.08
0.96
0.84
0.72
0.60
0.48
0.36
0.24
0.12
0
INL
DNL
VREF (V)
1
1.00
7
5
3
24
6
0
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
INL
DNL
fS = 15MHz
CA3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com