Electronic Components Datasheet Search
  English  ▼

X  

CA3318CE Datasheet(PDF) 11 Page - Intersil Corporation

Part # CA3318CE
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CE Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3318CE Datasheet HTML 4Page - Intersil Corporation CA3318CE Datasheet HTML 5Page - Intersil Corporation CA3318CE Datasheet HTML 6Page - Intersil Corporation CA3318CE Datasheet HTML 7Page - Intersil Corporation CA3318CE Datasheet HTML 8Page - Intersil Corporation CA3318CE Datasheet HTML 9Page - Intersil Corporation CA3318CE Datasheet HTML 10Page - Intersil Corporation CA3318CE Datasheet HTML 11Page - Intersil Corporation CA3318CE Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
4.7
µF/10V TANTALUM
+5V (ANALOG SUPPLY)
+4V TO +6.5V
REFERENCE
OPTIONAL CAP
(SEE TEXT)
CLOCK
SOURCE
INPUT SIGNAL
AMPLIFIER/BUFFER
(SEE TEXT)
AD
CA3318
VAA+
3/
4 REF
VREF+
VIN
1/
2 REF
PHASE
CLK
VAA-
VIN
VREF-
CE1
CE2
A
DIGITAL
OUTPUT
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
OVF
1/
4 REF
VSS
VDD
A
D
4.7
µF
TANTALUM/10V
+5V (DIGITAL SUPPLY)
0.01
µF
+
+
FIGURE 14. TYPICAL CIRCUIT CONFIGURATION FOR THE CA3318 WITH NO LINEARITY ADJUST
SIGNAL
SOURCE
SIGNAL
GROUND
AMP
REF
-
+
ANALOG
SUPPLIES
VAA
SUPPLY
SYSTEM
DIGITAL
GROUND
TO
DIGITAL
SYSTEM
VDD
SUPPLY
VIN
VIN
VREF+
REFERENCE
TAPS
VAA+
VREF-
VAA-
OUTPUT
DRIVERS
VDD
VSS
FIGURE 15. TYPICAL SYSTEM GROUNDING/BYPASSING
10
Ω
75
Ω
1VP-P
VIDEO
INPUT
75
Ω
5pF
NOTE: Ground-planing and tight layout
are extremely important.
14
11
9
3
4
5
12
13
6
8
7
+8V
10
Ω
CA3450
390
110
750
10
Ω
-4V
0.1
16
21
A/D FLASH
INPUT
0.001
µF
0.001
µF
0V TO -10V
OFFSET SOURCE
RS < 10Ω
FIGURE 16. TYPICAL HIGH BANDWIDTH AMPLIFIER FOR DRIVING THE CA3318
CA3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com