Electronic Components Datasheet Search
  English  ▼

X  

4724 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 4724
Description  8-bit addressable latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4724 Datasheet(HTML) 5 Page - NXP Semiconductors

  4724 Datasheet HTML 1Page - NXP Semiconductors 4724 Datasheet HTML 2Page - NXP Semiconductors 4724 Datasheet HTML 3Page - NXP Semiconductors 4724 Datasheet HTML 4Page - NXP Semiconductors 4724 Datasheet HTML 5Page - NXP Semiconductors 4724 Datasheet HTML 6Page - NXP Semiconductors 4724 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
January 1995
5
Philips Semiconductors
Product specification
8-bit addressable latch
HEF4724B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
700 fi +∑ (foCL) × VDD2
where
dissipation per
10
3700 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
10 800 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
E
→ On
5
115
230
ns
88 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
95
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
5
95
195
ns
68 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
55
ns
22 ns
+ (0,16 ns/pF) CL
D
→ On
5
95
190
ns
68 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
75
ns
24 ns
+ (0,23 ns/pF) CL
15
25
55
ns
17 ns
+ (0,16 ns/pF) CL
5
85
170
ns
58 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
35
75
ns
24 ns
+ (0,23 ns/pF) CL
15
25
55
ns
17 ns
+ (0,16 ns/pF) CL
An → On
5
110
225
ns
83 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
95
ns
34 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
5
95
190
ns
68 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
55
ns
22 ns
+ (0,16 ns/pF) CL
CL
→ On
5
85
165
ns
58 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com