Electronic Components Datasheet Search
  English  ▼

X  

4724 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 4724
Description  8-bit addressable latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4724 Datasheet(HTML) 2 Page - NXP Semiconductors

  4724 Datasheet HTML 1Page - NXP Semiconductors 4724 Datasheet HTML 2Page - NXP Semiconductors 4724 Datasheet HTML 3Page - NXP Semiconductors 4724 Datasheet HTML 4Page - NXP Semiconductors 4724 Datasheet HTML 5Page - NXP Semiconductors 4724 Datasheet HTML 6Page - NXP Semiconductors 4724 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
January 1995
2
Philips Semiconductors
Product specification
8-bit addressable latch
HEF4724B
MSI
DESCRIPTION
The HEF4724B is an 8-bit addressable latch with three
address inputs (A0 to A2), a data input (D), an active LOW
enable input (E), an active HIGH clear input (CL), and eight
parallel latch outputs (O0 to O7).
When E and CL are HIGH, all outputs (O0 to O7) are LOW.
Eight-channel demultiplexing or active HIGH 1-of-8
decoding with output enable operation occurs when CL is
HIGH and E is LOW. When CL and E are LOW, the
selected output (O0 to O7; determined by A0 to A2) follows
D. When E goes HIGH, the contents of the latch are
stored. When operating in the addressable latch mode
(E = CL = LOW), changing more than one bit of A0 to
A2 could impose a transient wrong address. Therefore,
this should only be done while in the memory mode
(E = HIGH, CL = LOW).
Fig.1 Functional diagram.
PINNING
FAMILY DATA, IDD LIMITS category MSI
See Family Specifications
HEF4724BP(N):
16-lead DIL; plastic
(SOT38-1)
HEF4724BD(F):
16-lead DIL; ceramic (cerdip)
(SOT74)
HEF4724BT(D):
16-lead SO; plastic
(SOT109-1)
( ): Package Designator North America
A0 to A2
address inputs
A
data input
E
enable input (active LOW)
CL
clear input (active HIGH)
O0 to O7
parallel latch outputs
Fig.2 Pinning diagram.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com