| Electronic Components Datasheet Search |
|
HEF4753BN Datasheet(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HEF4753BN Datasheet(HTML) 4 Page - NXP Semiconductors |
|
4 / 10 page ![]() January 1995 4 Philips Semiconductors Product specification Universal timer module HEF4753B LSI FUNCTIONAL DESCRIPTION Clock divider and decoder The clock signal at input CP is, at its original frequency, the system clock, but it also drives the programmable counter. The counter input frequency can be predivided by the factors 1/16, 1/256 and 1/4096, depending on the logic state of inputs W and X (according to the function tables above). 8-bit programmable counter The 8 inputs A to H are the set inputs of the 8 counter flip-flops. The setting is triggered by an edge of the input signal (at input IN) depending on of the chosen mode. Event flip-flops, synchronization and edge-detection The event flip-flops are used to recognize the positive and/or negative edge of the input signal at IN. Parts of the flip-flops are used together with the programmable 8-bit counter as a retriggerable mono-flop, which defines the time scaling for event recognition. The input IN is synchronized by the clock signal CP. Mode switch and output multiplexer This function switches the chosen output to the output (OUT) and gives the mode of which the edge at input IN has to be detected. The inputs Z, Y and LFC give 7 modes +1, that means in mode ‘Digital Filter’ the input LFC can be HIGH or LOW. OPERATING MODES The circuit has 6 operating modes which are activated by the logic state of inputs LFC, Y and Z. An extra mode is possible by using two circuits which are connected such so they function as a digital band-filter. 1. Counter mode (LFC = LOW; Y = LOW; Z = HIGH) In this mode the output OUT should be connected to input IN. If not, only one counter cycle starts after a transition at input IN (see Fig.3 and note 1.). Fig.3 Timing diagram for counter mode; t1 = delay until set of 8-bit counter; t2 = delay to set 8-bit counter; t3 = predefined delay by programming. A B C D E F G H W X LFC Y Z HH L H H H H H L L L L H |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |