Electronic Components Datasheet Search
  English  ▼

X  

HEF4753BN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4753BN
Description  Universal timer module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4753BN Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4753BN Datasheet HTML 1Page - NXP Semiconductors HEF4753BN Datasheet HTML 2Page - NXP Semiconductors HEF4753BN Datasheet HTML 3Page - NXP Semiconductors HEF4753BN Datasheet HTML 4Page - NXP Semiconductors HEF4753BN Datasheet HTML 5Page - NXP Semiconductors HEF4753BN Datasheet HTML 6Page - NXP Semiconductors HEF4753BN Datasheet HTML 7Page - NXP Semiconductors HEF4753BN Datasheet HTML 8Page - NXP Semiconductors HEF4753BN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
January 1995
2
Philips Semiconductors
Product specification
Universal timer module
HEF4753B
LSI
DESCRIPTION
The HEF4753B is a universal timer module for counting
and dividing as well as for event-recognition and
manipulation of input sequences.
The following functions are included: synchronization and
edge-detection of the input signal, programmable counter,
clock divider with different lengths, operating mode
decoder, control logic and output multiplexer.
Depending on the operating mode and the application, the
circuit works as a presettable 8-bit counter with
transient-pulse suppression, pulse duration selector
divider, counter, positive or negative edge delaying
module or low-frequency control circuit.
All manipulation possibilities depend on a time scaling,
which is adjustable by the 8-bit programmable counter and
the system clock. The system clock can be divided
internally by 1, 16, 256 or 4096 as input clock for the
counter. In all cases the manipulated input sequence
appears at the only output OUT.
FAMILY DATA, IDD LIMITS category LSI
See Family Specifications
Fig.1 Functional diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com