Electronic Components Datasheet Search
  English  ▼

X  

TPS628301 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS628301
Description  TPS62830x, 2.25-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-Down Converter With 1% Output Accuracy in Small WQFN and SOT583 Packages
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS628301 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS628301 Datasheet HTML 30Page - Texas Instruments TPS628301 Datasheet HTML 31Page - Texas Instruments TPS628301 Datasheet HTML 32Page - Texas Instruments TPS628301 Datasheet HTML 33Page - Texas Instruments TPS628301 Datasheet HTML 34Page - Texas Instruments TPS628301 Datasheet HTML 35Page - Texas Instruments TPS628301 Datasheet HTML 36Page - Texas Instruments TPS628301 Datasheet HTML 37Page - Texas Instruments TPS628301 Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
AROUND
0.05 MIN
AROUND
8X (0.67)
8X (0.3)
(1.48)
6X (0.5)
(R0.05) TYP
4224486/E 12/2021
SOT-5X3 - 0.6 mm max height
DRL0008A
PLASTIC SMALL OUTLINE
NOTES: (continued)
5. Publication IPC-7351 may have alternate designs.
6. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
7. Land pattern design aligns to IPC-610, Bottom Termination Component (BTC) solder joint inspection criteria.
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:30X
SYMM
1
4
5
8
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDERMASK DETAILS
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com