Electronic Components Datasheet Search
  English  ▼

X  

PBPC801 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PBPC801
Description  8.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PBPC801 Datasheet(HTML) 1 Page - Diodes Incorporated

  PBPC801 Datasheet HTML 1Page - Diodes Incorporated PBPC801 Datasheet HTML 2Page - Diodes Incorporated PBPC801 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS21311 Rev. 7 - 2
1 of 3
PBPC801-PBPC807
www.diodes.com
ã Diodes Incorporated
PBPC801 - PBPC807
8.0A BRIDGE RECTIFIER
Features
A
E
G
H
C
B
A
D
AC
AC
+
-
PBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
22.20
D
1.27 Æ Typical
E
5.33
7.37
G
3.60 Æ
4.00 Æ
H
12.70 Typical
J
2.38 X 45° Typical
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PBPC
801
PBPC
802
PBPC
803
PBPC
804
PBPC
805
PBPC
806
PBPC
807
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1) @ TC = 50°C
(Note 2) @ TC = 50°C
IO
8.0
6.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
125
A
Forward Voltage (per element)
@ IF = 4.0A
VFM
1.1
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage (per element) @ TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t<8.3ms) (Note 3)
I2t
64
A2s
Typical Total Capacitance (Note 4)
CT
100
pF
Typical Thermal Resistance Junction to Case (per element)
RqJC
9.4
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Notes:
1. Mounted on metal chassis.
2. Mounted on PC board FR-4 material.
3. Non-repetitive, for t > 1.0ms and < 8.3ms.
4. Per element, measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
·
High Current Capability
·
Surge Overload Rating to 125A Peak
·
High Case Dielectric Strength of 1500V
·
Ideal for Printed Circuit Board Application
·
UL Listed Under Recognized Component Index, File
Number E94661
·
Case: PBPC-8
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Plated Leads Solderable per MIL-STD-202,
Method 208
·
Polarity: Marked on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 Inch-pounds Maximum
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: 5.4 grams (approximate)


Similar Part No. - PBPC801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBPC801 DIODES-PBPC801 Datasheet
64Kb / 2P
8.0A BRIDGE RECTIFIER
DS21311 Rev. E-2
logo
New Jersey Semi-Conduct...
PBPC801 NJSEMI-PBPC801 Datasheet
70Kb / 1P
8.0A BRIDGE RECTIFIER
More results

Similar Description - PBPC801

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ8A WTE-KBJ8A Datasheet
48Kb / 3P
8.0A BRIDGE RECTIFIER
KBPC800 WTE-KBPC800 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
KBU800 WTE-KBU800 Datasheet
42Kb / 3P
8.0A BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
PBPC801 NJSEMI-PBPC801 Datasheet
70Kb / 1P
8.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UD8KBA05 ZSELEC-UD8KBA05 Datasheet
119Kb / 2P
8.0A BRIDGE RECTIFIER
UR8KBA05 ZSELEC-UR8KBA05 Datasheet
118Kb / 2P
8.0A BRIDGE RECTIFIER
D8KB05 ZSELEC-D8KB05 Datasheet
109Kb / 2P
8.0A BRIDGE RECTIFIER
UR8KB05 ZSELEC-UR8KB05 Datasheet
116Kb / 2P
8.0A BRIDGE RECTIFIER
UD8KB05 ZSELEC-UD8KB05_V01 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
UG8KB05 ZSELEC-UG8KB05_V01 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com