Electronic Components Datasheet Search
  English  ▼

X  

PBPC801 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PBPC801
Description  8.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PBPC801 Datasheet(HTML) 2 Page - Diodes Incorporated

  PBPC801 Datasheet HTML 1Page - Diodes Incorporated PBPC801 Datasheet HTML 2Page - Diodes Incorporated PBPC801 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS21311 Rev. 7 - 2
2 of 3
PBPC801-PBPC807
www.diodes.com
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics, per element
T = 25°C
j
0
1.0
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Typical Reverse Characteristics
Single half sine-wave
T = 50°C
C
25
50
75
100
125
150
0.01
0.1
1.0
10
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics, per element
0
2
4
6
8
25
50
75
100
125
T , CASE TEMPERATURE (°C)
C
Fig. 1 Forward Current Derating Curve
Mounted on
Metal chassis
Mounted on
PC Board
Resistive or
Inductive load
Ordering Information
Device
Packaging
Shipping
PBPC801
PBPC-8
150/Box
PBPC802
PBPC-8
150/Box
PBPC803
PBPC-8
150/Box
PBPC804
PBPC-8
150/Box
PBPC805
PBPC-8
150/Box
PBPC806
PBPC-8
150/Box
PBPC807
PBPC-8
150/Box
(Note 5)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com