Electronic Components Datasheet Search
  English  ▼

X  

MES Datasheet(PDF) 5 Page - RFE international

Part # MES
Description  Miniature Metallized Polyester Film Capacitor MES Series: Self Healing, Wide Voltage Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MES Datasheet(HTML) 5 Page - RFE international

  MES Datasheet HTML 1Page - RFE international MES Datasheet HTML 2Page - RFE international MES Datasheet HTML 3Page - RFE international MES Datasheet HTML 4Page - RFE international MES Datasheet HTML 5Page - RFE international MES Datasheet HTML 6Page - RFE international MES Datasheet HTML 7Page - RFE international MES Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MES Series: Self Healing, Wide Voltage Range
Miniature Metallized Polyester Film Capacitor
Page 5 of 8
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 22-SEP-2023
1. Scope
2. Product Name
1. Element:
Metallized Polyester Film
2. Metal Spray:
Special Solder (Lead Free)
3. Lead wire:
Tinned wire (Cu wire) or Tinned copper clad steel (CP wire) Lead Free
4. Inner coa�ng:
Epoxy Resin
5. Outer coa�ng:
Flame retarding epoxy resin (UL-94V-0 Standard
Ambient Temperature:
Rela�ve Humidity:
Air Pressure:
Ambient Temperature:
Rela�ve Humidity:
Opera�ng Temperature Range
Rated Temperature Range
Rated Voltage (Vg):
Category Voltage (Vc):
105˚C
Vc = Vg
Rated upper limit temperature:
Usable upper limit temperature:
Capacitance Range:
Capacitance Tolerances:
Dissipa�on Factor: (DF%)
Materials:
15 to 35˚C
45 to 85%
86 to 106 kpa
20˚C to 5˚C
60 to 70%
-40 to +125˚C
-40 to +125˚C
4. Characteris�cs
105˚C
125˚C
0.01μF to 10μF
(Measured at 1KHz, 1V) ±5% ( J ), ±10% ( K ), ±20% ( M ),
1.0% (max.) at 1 KHz.
1.5% (max.) at 10 KHz.
For temperatures over 105˚C, a decreasing factor of 1.25% per degree celcius ˚C on the nominal voltage Vg has to be applied.
50/63 Vdc, 100 Vdc, 250 Vdc, 400 Vdc, 630 Vdc
LCR METER : HP -4284A, at 20˚C ±5˚C
ELECTRICAL CHARACTERISTICS
TYPE: MES
Product Specifica�ons
This specifica�on applies to directly filim capacitors of the following type: Metallized polyester
dielectric fixed capacitor
Dimensions: Refer to Dimensions Drawing
3. Construc�on (Dimensions and
Materials)
Miniature Metallized Polyester Film Capacitor
CHARACTERISTICS
Standard Atmospheric Condi�ons
Unless otherwise specified, the standard range of atmospheric condi�ons for making measurements and tests is as follows:
If there may be any doubt on the results, measurements shall be made w�hin the following limits:
Rated Temperature Range is the range of ambient temperature for which the capacitor can be operated con�nuously at rated voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com