Electronic Components Datasheet Search
  English  ▼

X  

MES Datasheet(PDF) 1 Page - RFE international

Part # MES
Description  Miniature Metallized Polyester Film Capacitor MES Series: Self Healing, Wide Voltage Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MES Datasheet(HTML) 1 Page - RFE international

  MES Datasheet HTML 1Page - RFE international MES Datasheet HTML 2Page - RFE international MES Datasheet HTML 3Page - RFE international MES Datasheet HTML 4Page - RFE international MES Datasheet HTML 5Page - RFE international MES Datasheet HTML 6Page - RFE international MES Datasheet HTML 7Page - RFE international MES Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
CONSTRUCTION
22-SEP-2023
Page 1 of 8
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
MES Series: Self Healing, Wide Voltage Range
Miniature Metallized Polyester Film Capacitor
High moisture resistance
Good solderability
Non-inductive construction
Self-healing property
Miniature size
Standard 5mm lead spacing
Wide rated voltage range
Wide rated capacitance range
Available for wire automatic insertion range
Dielectric: Metallized Polyester Film
Winding: Non-inductive type
Lead Wire: Tinned Wire (Cu wire) or Tinned Copper
Clad Wire, Lead Free Solder
Inner Coating: epoxy resin
Outer Coating: Flame retarding epoxy resin (UL-94V-0)
Conditional Standard Test: Temperature of from 15
to 35
RH45 to 75%.
OC
OC.
INTRODUCTION
MES Series are constructed with metallized
polyester film dielectric, copperply lead and
epoxy resin powder coating. They are suitable
for blocking, coupling, decoupling, filtering,
bypass timing circuit and ideal for use in
telecommunication equipment, data processing,
equipment, industrial instruments, automatic
control systems, and other general electronic
equipment.
SPECIFICATIONS
PERFORMANCE


Similar Part No. - MES

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
MES-102A PATLITE-MES-102A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-202A PATLITE-MES-202A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-302A PATLITE-MES-302A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-402A PATLITE-MES-402A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-502A PATLITE-MES-502A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
More results

Similar Description - MES

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS03 SUNTAN-TS03 Datasheet
304Kb / 2P
MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
logo
Panasonic Semiconductor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E1106KF PANASONIC-ECQ-E1106KF Datasheet
173Kb / 9P
Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
Metallized Polyester Film Capacitor
ECQ-U2A225ML PANASONIC-ECQ-U2A225ML Datasheet
115Kb / 2P
Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6224KF PANASONIC-ECQ-E6224KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
Metallized Polyester Film Capacitor
logo
Suntan Capacitors
TS03 SUNTAN-TS03_17 Datasheet
114Kb / 2P
MINIATURE SIZE METALLIZED POLYESTER FILM CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com