Electronic Components Datasheet Search
  English  ▼

X  

VZH Datasheet(PDF) 2 Page - RFE international

Part # VZH
Description  ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VZH Datasheet(HTML) 2 Page - RFE international

  VZH Datasheet HTML 1Page - RFE international VZH Datasheet HTML 2Page - RFE international VZH Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
mA
Imp.
mA
Imp.
mA
Imp.
mA
Imp.
1
010
4 x 5.7
60
2.90
2.2
2R2
4 x 5.7
60
2.90
3.3
3R3
4 x 5.7
60
2.90
4.7
4R7
5 x 5.7
85
1.52
5 x 5.7
70
1.90
10
100
6.3 x 5.7
165
0.88
6.3 x 5.7
130
1.20
22
220
6.3 x 5.7
165
0.88
6.3 x 7.7
150
0.90
8 x 10
130
1.30
8 x 10
130
1.30
33
330
6.3 x 5.7
185
0.68
8 x 10
280
0.50
8 x 10
130
1.30
10 x 10
200
0.70
6.3 x 7.7
185
0.68
8 x 6.5
185
0.68
68
680
8 x 10
369
0.34
8 x 10
369
0.34
10 x 10
553
0.18
150
151
10 x 10
553
0.18 12.5 x 13.5
700
0.15
12.5 x 13.5
450
0.32
16 x 16.5
650
0.17
16 x 16.5
650
0.17
18 x 21.5
950
0.15
18 x 16.5
850
0.15
16 x 21.5
900
0.15
470
471
16 x 16.5 1,000
0.08
16 x 16.5
900
0.09
16 x 21.5
900
0.15
18 x 21.5
950
0.15
18 x 16.5 1,150 0.08
16 x 21.5 1,150 0.08
16 x 16.5 1,000
0.08
18 x 16
1,500
0.07
1,500
152
18 x 21.5 1,620
0.05
0.17
1,000
102
18 x 21.5 1,250 0.06
700
0.15
16 x 16.5
650
x 10
10
450
0.32
200
221
12.5 x 13.5
x 10
200
0.70
100
101
12.5 x 13.5
10
47
470
8 x 10
280
50V (1H)
63V (1J)
80V (1K)
100V (2A)
ØD x L
ØD x L
ØD x L
ØD x L
12.5 x 13.5
650
0.12
330
331
12.5 x 13.5
650
0.12
680
681
16 x 16.5 1,000
0.08
10 x 10
200
0.70
0.50
10
x 10
450
0.25
200
0.70
950
0.15
16 x 16.5
900
0.09
16 x 16.5
650
0.17
18 x 21.5
Cap
(μF)
Contents
Rated Voltage
(Vdc)
ALUMINUM ELECTROLYTIC CAPACITORS
VZH Series: Surface Mount, Ultra Low Impedance
DIMENSION, IMPEDANCE & PERMISSIBLE RIPPLE CURRENT
Dimension: φD x L(mm)
Ripple Current mA/rms at 100KHz, 105°C
Impedance: W at 100KHz, 20ºC
RoHS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Page 2 of 3
mA
Imp.
mA
Imp.
mA
Imp.
mA
Imp.
mA
Imp.
4.7
4R7
4 x 5.7
80
1.35
10
100
4 x 5.7
80
1.35
4 x 5.7
80
1.35
5 x 5.7
150
0.80
22
220
4 x 5.7
80
1.35
4 x 5.7
80
1.35
5 x 5.7
150
0.80
5 x 5.7
150
0.80
6.3 x 5.7
230
0.44
33
330
4 x 5.7
80
1.35
5 x 5.7
150
0.80
6.3 x 5.7
230
0.44
6.3 x 5.7
230
0.44
6.3 x 5.7
230
0.44
47
470
5 x 5.7
150
0.80
6.3 x 5.7
230
0.44
6.3 x 5.7
230
0.44
6.3 x 5.7
230
0.44
6.3 x 5.7
230
0.44
68
680
6.3 x 5.7
230
0.44
8 x 6.5
280
0.36
6.3 x 7.7
280
0.36
8 x 6.5
280
0.36
6.3 x 7.7
280
0.36
8 x 10
450
0.17
8 x 6.5
280
0.36
10 x 7.7
450
0.17
6.3 x 5.7
230
0.44
6.3 x 7.7
280
0.36
8 x 10
450
0.17
8 x 10
450
0.17
6.3 x 7.7
280
0.36
8 x 6.5
280
0.36
10 x 7.7
450
0.17
10 x 10
670
0.09
8 x 6.5
280
0.36
8 x 10
450
0.17
8 x 10
450
0.17
10 x 10
670
0.09
8 x 10
450
0.17
10 x 7.7
450
0.17
10 x 7.7
450
0.17
12.5 x 13.5
820
0.07
8 x 10
450
0.17
8 x 10
450
0.17
8 x 10
450
0.17
10 x 7.7
450
0.17
10 x 7.7
450
0.17
10 x 7.7
450
0.17
8 x 10
450
0.17
10 x 7.7
450
0.17
1,000
102
8 x 10
450
0.17
10 x 10
670
0.09
12.5 x 13.5
820
0.07
12.5 x 16
950
0.06
16 x 16.5 1,260 0.06
18 x 16.5 1,500 0.05
16 x 21.5 1,630 0.04
2,200
222
12.5 x 13.5
820
0.07 12.5 x 16
950
0.06
16 x 16.5 1,260 0.06
16 x 16.5 1,260 0.06
18 x 21.5 1,750 0.04
18 x 16.5 1,500 0.05
16 x 21.5 1,630 0.04
18 x 21.5 1,750 0.04
18 x 16.5 1,500 0.05
16 x 21.5 1,630 0.04
18 x 16.5 1,500
0.05
18 x 16.5 1,500 0.05
16 x 21.5 1,630
0.04
16 x 21.5 1,630 0.04
18 x 16.5 1,500
0.05
16 x 21.5 1,630
0.04
ØD x L
16.5 1,260 0.06
6.3 x 5.7
670
0.09
820
6.3V (0J)
ØD x L
ØD x L
35V (1V)
ØD x L
ØD x L
10V (1A)
16V (1C)
25V (1E)
0.07
220
221
331
330
470
471
1,500
152
10 x 10
10
13.5
680
681
670
3,300
332
12.5 x 16
4,700
472
16 x 16.5
6,800
682
8,200
822
10 x
12.5 x
16 x
950
1,260
0.09
0.06
0.06
16 x 16.5 1,260 0.06
18 x 21.5 1,750 0.04
100
101
6.3 x 5.7
230
0.44
6.3 x 5.7
230
0.44
230
0.44
150
151
6.3 x 5.7
230
0.44
6.3
10 x 10
670
0.09
x 5.7
230
0.44
6.3
x 16.0
950
0.06
x
7.7
280
0.36
x
8
13.5
820
0.07
16
16.5
x
x
16.5
21.5
1,260
1,630
0.06
0.04
16
12.5
8 x 10
450
0.17
x 10
450
0.17
16
950
0.06
12.5 x
16.5 1,260 0.06
10
450
0.17
12.5 x
10 x
16
950
0.06
12.5 x
8
10
670
0.09
x
Rated Voltage
(Vdc)
Cap
(μF)
Contents
C1CB11
2021.09.09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com