Electronic Components Datasheet Search
  English  ▼

X  

VZH Datasheet(PDF) 3 Page - RFE international

Part # VZH
Description  ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VZH Datasheet(HTML) 3 Page - RFE international

  VZH Datasheet HTML 1Page - RFE international VZH Datasheet HTML 2Page - RFE international VZH Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
VZH Series: Surface Mount, Ultra Low Impedance
RoHS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C1CB11
2021.09.09
Page 3 of 3
LEGACY MARKING
NEW MARKING
φD ≧
12.5 mm
Date code
Rated capacitance
Rated voltage
Series name
Negative
polarity
A2
VZH
2200
6.3V
φD = 8 ~ 10 mm
Date code
Series name
Rated cap
.
Rated voltage
Negative
polarity
A2
VZH
470
6.3V
φD = 4 ~ 6.3 mm
Date code
Rated cap.
Rated voltage
Negative
polarity
A2
10
16V
φD = 3 mm
4.7
Date code
Rated cap.
Rated voltage
Negative
polarity
A16
φD ≥ 6.3 mm
Capacitance
Rated Voltage
Production Code
Negative
polarity
220
16V
FZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com