Electronic Components Datasheet Search
  English  ▼

X  

IEEE1394 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IEEE1394
Description  IEEE 1394/Device Bay ATSC DTV receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IEEE1394 Datasheet(HTML) 1 Page - NXP Semiconductors

  IEEE1394 Datasheet HTML 1Page - NXP Semiconductors IEEE1394 Datasheet HTML 2Page - NXP Semiconductors IEEE1394 Datasheet HTML 3Page - NXP Semiconductors IEEE1394 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Highly integrated DTV front-end, with
IEEE 1394/Device Bay transport stream output
In the fast moving digital broadcast market, where TV and PC
technologies are converging, the high performance IEEE 1394 bus is
now the established high-speed, real-time true plug-and-play serial bus
system. As its popularity grows, it is becoming the accepted standard for
connecting a variety of digital consumer electronics equipment to each
other, as well as to multimedia PCs and workstations. Drawing on
Philips Semiconductors’ acknowledged expertise in digital TV systems
and IEEE 1394 interface devices, this reference design combines these
technologies in the emerging Device Bay format, creating a simple
high performance DTV receiver for PC and other IEEE 1394-based
applications.
Based around a proven 8-VSB (Vestigial SideBand) demodulator with
on-chip digital tuner AGC control, used in the established ‘Coney’
PCI-based ATSC/NTSC PC-TV board, this reference design also
incorporates Philips’ advanced IEEE 1394 devices: a high-performance
Link layer controller with isochronous operation and embedded
IEC61883 support; and a three-port Physical layer interface. These
high-speed devices enable the digital TV signal (MPEG2 transport
stream) to be transferred over the IEEE 1394 bus at 200 Mbits/s, output
via either 1394 port or Device Bay connections.
This reference design enables platform providers to concentrate on
developing the user interfaces and applications that will differentiate
them in a market where competition is very fierce. A licence is available,
royalty-free, from Philips Semiconductors to use the PCB layout
(Gerber) files as well as the original design schematics.
Committed to flexible digital TV and PC/TV solutions,
Philips Semiconductors has developed a complete
DTV receiver reference design based on proven ICs from
other reference designs. It is laid out according to Device Bay
physical specifications and allows a DTV transport stream to be
carried over Device Bay or IEEE 1394 connections.
Applications
•
Digital ATSC-compliant terrestrial reception
•
Personal computers with digital television capabilities
•
Modular digital home entertainment systems
Highly featured board
•
Outputs a DTV transport stream over IEEE 1394
or Device Bay connections
•
Reference design laid out according to
Device Bay physical specifications
•
Single-chip TDA8960 ATSC-compliant 8-VSB
demodulator and decoder front-end
•
PDI1394P11 IEEE 1394-1995 Physical layer controller
supports data transfer at up to 200 Mbits/s
•
PDI1394L11 IEEE 1394-1995 A/V Link layer
controller with hardware support for IEC61883
•
TDA9829 IF downconversion for VSB
IEEE 1394/Device Bay
ATSC DTV receiver
Reference design
MSD052
TUNER
IF
ADC
1394
PHYSICAL
LAYER
1394 LINK
LAYER
CONTROLLER
DATA
FORMATTING
& CONTROL
I2C
µC
80C51
I2C
EEPROM
64k8
SRAM
64k8
1394
PORT
1394
POWER
DEVICE BAY
CONNECTORS
POWER
ENABLE
LOGIC
1394
PHYSICAL
LAYER
8-VSB
DEMODULATOR


Similar Part No. - IEEE1394

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
IEEE1394 ASSMANN-IEEE1394 Datasheet
108Kb / 1P
USB Adaptors, IEEE 1394 Cables and Adaptors
logo
Pro-Signal
IEEE1394 PROSIGNAL-IEEE1394 Datasheet
29Kb / 1P
IEEE1394 Firewire DV Leads
More results

Similar Description - IEEE1394

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86619 FUJITSU-MB86619 Datasheet
39Kb / 2P
IEEE 1394 Serial Bus Controller for DTV
logo
Broadcom Corporation.
BCM3517 BOARDCOM-BCM3517 Datasheet
82Kb / 2P
ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
logo
List of Unclassifed Man...
MD8412B ETC2-MD8412B Datasheet
619Kb / 114P
LINK(IEEE 1394)
logo
Broadcom Corporation.
BCM3517 BOARDCOM-BCM3517_06 Datasheet
189Kb / 2P
ATSC/VSB DIGITAL CABLE READY DTV RECEIVER
BCM3520 BOARDCOM-BCM3520_06 Datasheet
269Kb / 2P
ATSC/NTSC/QAM DIGITAL CABLE READY DTV RECEIVER
logo
Assmann Electronics Inc...
AB-1394-1-R ASSMANN-AB-1394-1-R Datasheet
301Kb / 1P
IEEE 1394 ADAPTOR
AB-1394-3-R ASSMANN-AB-1394-3-R Datasheet
259Kb / 1P
IEEE 1394 Adaptor
AB-1394-5-R ASSMANN-AB-1394-5-R Datasheet
148Kb / 1P
IEEE 1394 Adaptor
AB-1394-7-R ASSMANN-AB-1394-7-R Datasheet
171Kb / 1P
IEEE 1394 Adaptor
A-IE-S-SMT ASSMANN-A-IE-S-SMT Datasheet
84Kb / 1P
IEEE 1394 connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com