Electronic Components Datasheet Search
  English  ▼

X  

OPA892 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA892
Description  OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA892 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA892 Datasheet HTML 16Page - Texas Instruments OPA892 Datasheet HTML 17Page - Texas Instruments OPA892 Datasheet HTML 18Page - Texas Instruments OPA892 Datasheet HTML 19Page - Texas Instruments OPA892 Datasheet HTML 20Page - Texas Instruments OPA892 Datasheet HTML 21Page - Texas Instruments OPA892 Datasheet HTML 22Page - Texas Instruments OPA892 Datasheet HTML 23Page - Texas Instruments OPA892 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
7.4.2 Layout Example
R4
49.9
R5
49.9
V
IN–
C1
0.1
F
R
F
220
–15 V
+
–
15 V
C2
6.8
F
OPA892
C3
0.1 μF
NULL
NULL
C4
0.1 μF
V
O
V
IN+
R
G
22
R3
49.9
Place bypass capacitors in low ESR
packages close to power pin as possible.
Use multiple VIAs to connect to power
plane.
Remove GND and power plane
near input and output pins to
reduce parasitic capacitance.
7
6
8
2
3
1
NULL
IN–
NULL
VCC+
OUT
IN+
4
VCC–
5
NC
Place RF and RG resistors as close to the
device pins to minimize parasitics
Figure 7-8. Layout Recommendations
www.ti.com
OPA892
SLOSEB4 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com