Electronic Components Datasheet Search
  English  ▼

X  

OPA892 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA892
Description  OPA892 2-GHz, 10-V/V Stable, 0.95-nV/√Hz, Ultra-Low THD Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA892 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA892 Datasheet HTML 8Page - Texas Instruments OPA892 Datasheet HTML 9Page - Texas Instruments OPA892 Datasheet HTML 10Page - Texas Instruments OPA892 Datasheet HTML 11Page - Texas Instruments OPA892 Datasheet HTML 12Page - Texas Instruments OPA892 Datasheet HTML 13Page - Texas Instruments OPA892 Datasheet HTML 14Page - Texas Instruments OPA892 Datasheet HTML 15Page - Texas Instruments OPA892 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C, VCC = ± 15 V, gain = +10 V/V, RL = 150 Ω, and RF = 220 Ω (unless otherwise noted)
Frequency (Hz)
-120
-110
-100
-90
-80
-70
-60
1k
10k
100
0.0001
0.001
0.01
0.1
VCC = 5 V, VOUT = 1 VRMS, RL = 600 
VCC = 5 V, VOUT = 1 VRMS, RL = 2 k
VCC = 15 V, VOUT = 3 VRMS, RL = 600 
VCC = 15 V, VOUT = 3 VRMS, RL = 2 k
VCC = 18 V, VOUT = 3 VRMS, RL = 600 
VCC = 18 V, VOUT = 3 VRMS, RL = 2 k
BW = 80 kHz
Figure 5-31. THD+N vs Frequency
Output Amplitude (VRMS)
0.01
0.1
1
10
20
20
-120
-110
-100
-90
-80
-70
-60
-50
-40
0.0001
0.001
0.01
0.1
VCC = 5 V
VCC = 15 V
VCC = 18 V
RL = 2 kΩ, f = 1 kHz, BW = 80 kHz
Figure 5-32. THD+N Ratio vs Output Amplitude
Output Amplitude (VRMS)
0.01
0.1
1
10
20
20
-120
-110
-100
-90
-80
-70
-60
-50
-40
0.0001
0.001
0.01
0.1
VCC = 5 V
VCC = 15 V
VCC = 18 V
Gain = +10 V/V, SMPTE/DIN two-tone 4:1 (60 Hz and 7 kHz),
RL = 2 kΩ, BW = 80 kHz
Figure 5-33. Intermodulation Distortion vs Amplitude
VCC = ±5 V, VOUT = 1 VRMS,
RL = 2 kΩ, BW = 80 kHz
Figure 5-34. Distortion Harmonics vs Frequency
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
1k
10k
100
0.0001
0.001
0.00001
0.000001
HD2
HD3
HD4
HD5
VCC = ±15 V, VOUT = 3 VRMS,
RL = 2 kΩ, BW = 80 kHz
Figure 5-35. Distortion Harmonics vs Frequency
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
1k
10k
100
0.0001
0.001
0.00001
0.000001
HD2
HD3
HD4
HD5
VCC = ±18 V, VOUT = 3 VRMS,
RL = 2 kΩ, BW = 80 kHz
Figure 5-36. Distortion Harmonics vs Frequency
OPA892
SLOSEB4 – NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com