Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA607 Datasheet HTML 16Page - Texas Instruments OPA607 Datasheet HTML 17Page - Texas Instruments OPA607 Datasheet HTML 18Page - Texas Instruments OPA607 Datasheet HTML 19Page - Texas Instruments OPA607 Datasheet HTML 20Page - Texas Instruments OPA607 Datasheet HTML 21Page - Texas Instruments OPA607 Datasheet HTML 22Page - Texas Instruments OPA607 Datasheet HTML 23Page - Texas Instruments OPA607 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
7.3 Feature Description
7.3.1 Input Stage
The OPAx863A include a rail-to-rail input stage. The main stage differential pair using PNP bipolar transistors
operates for common-mode input voltages from VS– – 0.2 V to VS+ – 1.6 V. The amplifier inputs transition into
the auxiliary stage using NPN transistors for common-mode input voltages from VS+ – 1.6 V till VS+ + 0.2 V. The
PNP and NPN input stages offer a gain-bandwidth product of 50 MHz and a voltage noise density of 6.3 nV/√Hz.
The offset voltage for the two input stages is matched to lie within the device specifications. The auxiliary NPN
input stage does not use the slew-boost circuit during large-signal transient response. The input bias current for
the PNP and NPN input stages is opposite in polarity, which adds an additional offset based on the values of
the gain-setting and feedback resistors. A common-mode input voltage transition between these input stages
causes a crossover distortion that must be considered in high-frequency applications requiring excellent linearity.
Limit the common-mode input voltage to VS+ – 1.6 V (maximum) for main-stage operation across process and
ambient temperature.
The OPAx863A are bipolar amplifiers; therefore, the two inputs are protected with antiparallel back-to-back
diodes between the inputs, which limits the maximum input differential voltage to 1 V. The amplifier is slew
limited, and the two inputs are pulled apart up to 1 V when the antiparallel diodes begin to conduct in very fast
input or output transient conditions. Make sure to use gain-setting and feedback resistors large enough to limit
the current through these diodes in such conditions.
7.3.2 Output Stage
The OPAx863A feature a rail-to-rail output stage with possible signal swing from VS– + 0.2 V to VS+ – 0.2 V.
Violating the output headroom of either supply causes output signal clipping and introduces distortion.
The OPAx863A integrate an output short-circuit protection circuit that makes the device rugged for use in
real-world applications.
7.3.2.1 Overload Power Limit
During overload or fault conditions, bipolar rail-to-rail output (RRO) amplifiers consume excessive quiescent
current (five to seven times) with saturated outputs. With saturated outputs, the output signal is clipped with
much higher base current from output predriver stage which results in increase in device quiescent current.
During this condition, the negative feedback control is disabled and an input differential voltage appears thereby
resulting in an input overdrive. During input overdrive, the slew boost circuit engages causing increase in the tail
current and hence the device quiescent current. This overall increase in quiescent current can cause excessive
battery discharge in portable products shortening operating lifetime or disturb the thermal equilibrium causing
irreversible damage due to increased system power dissipation in a multichannel design.
The OPAx863A includes an intelligent overload detection circuit that monitors for output saturation and limits the
base drive from output predriver circuit and disables the slew boost circuit in this condition. Table 7-1 compares
the increase in quiescent current with 500-mV input overdrive for OPAx863A devices and other voltage-feedback
amplifiers without overload power limit.
Table 7-1. Quiescent Current with Saturated Outputs
DEVICE
INPUT DIFFERENTIAL
VOLTAGE
QUIESCENT CURRENT
DURING OVERLOAD
INCREASE IN IQ
FROM STEADY-STATE
CONDITION
OPAx863A with overload power limit
500 mV
1.4 mA
1.8 ×
Competitor amplifier without overload power limit
500 mV
4.05 mA
7.1 ×
OPA863A, OPA2863A
SBOSA95D – MAY 2022 – REVISED DECEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com