Electronic Components Datasheet Search
  English  ▼

X  

OPA607 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA607
Description  OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA607 Datasheet(HTML) 3 Page - Texas Instruments

  OPA607 Datasheet HTML 1Page - Texas Instruments OPA607 Datasheet HTML 2Page - Texas Instruments OPA607 Datasheet HTML 3Page - Texas Instruments OPA607 Datasheet HTML 4Page - Texas Instruments OPA607 Datasheet HTML 5Page - Texas Instruments OPA607 Datasheet HTML 6Page - Texas Instruments OPA607 Datasheet HTML 7Page - Texas Instruments OPA607 Datasheet HTML 8Page - Texas Instruments OPA607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
5 Pin Configuration and Functions
1
2
3
4
VOUT
VS–
VS+
VIN+
VIN–
5
Figure 5-1. OPA863A DBV Package,
5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions: OPA863A
PIN
TYPE
DESCRIPTION
NAME
NO.
VIN+
3
Input
Noninverting input pin
VIN–
4
Input
Inverting input pin
VOUT
1
Output
Output pin
VS–
2
Power
Negative power-supply pin
VS+
5
Power
Positive power-supply pin
+
–
1
2
3
4
+
–
5
VOUT1
VIN1–
VS–
VIN1+
PD1
VS+
VOUT2
VIN2+
VIN2–
PD2
A
B
10
9
8
7
6
Figure 5-2. OPA2863A DSN Package,
10-Pin USON With Exposed Thermal Pad (Top View)
Table 5-2. Pin Functions: OPA2863A
PIN
TYPE
DESCRIPTION
NAME
NO.
PD1
5
Input
Amplifier 1 power down.
Low = disabled, high = enabled
PD2
6
Input
Amplifier 2 power down.
Low = disabled, high = enabled
VIN1–
2
Input
Amplifier 1 inverting input pin
VIN1+
3
Input
Amplifier 1 noninverting input pin
VIN2–
8
Input
Amplifier 2 inverting input pin
VIN2+
7
Input
Amplifier 2 noninverting input pin
VOUT1
1
Output
Amplifier 1 output pin
VOUT2
9
Output
Amplifier 2 output pin
VS–
4
Power
Negative power-supply pin
VS+
10
Power
Positive power-supply pin
Thermal Pad
—
Thermal pad. Electrically isolated from the device. Recommended connection to a heat-
spreading plane, typically ground.
www.ti.com
OPA863A, OPA2863A
SBOSA95D – MAY 2022 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com