Electronic Components Datasheet Search
  English  ▼

X  

LPC47M10X Datasheet(PDF) 77 Page - SMSC Corporation

Part # LPC47M10X
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M10X Datasheet(HTML) 77 Page - SMSC Corporation

Back Button LPC47M10X Datasheet HTML 73Page - SMSC Corporation LPC47M10X Datasheet HTML 74Page - SMSC Corporation LPC47M10X Datasheet HTML 75Page - SMSC Corporation LPC47M10X Datasheet HTML 76Page - SMSC Corporation LPC47M10X Datasheet HTML 77Page - SMSC Corporation LPC47M10X Datasheet HTML 78Page - SMSC Corporation LPC47M10X Datasheet HTML 79Page - SMSC Corporation LPC47M10X Datasheet HTML 80Page - SMSC Corporation LPC47M10X Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 188 page
background image
Page 77
Software Constraints
Before an EPP cycle is executed, the software must ensure that the control register bits D0, D1 and D3 are set to zero.
Also, bit D5 (PCD) is a logic "0" for an EPP write or a logic "1" for and EPP read.
EPP 1.7 Write
The timing for a write operation (address or data) is shown in timing diagram EPP 1.7 Write Data or Address cycle. The
chip inserts wait states into the I/O write cycle when nWAIT is active low during the EPP cycle. This can be used to
extend the cycle time. The write cycle can complete when nWAIT is inactive high.
Write Sequence of Operation
1.
The host sets PDIR bit in the control register to a logic "0". This asserts nWRITE.
2.
The host initiates an I/O write cycle to the selected EPP register.
3.
The chip places address or data on PData bus.
4.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus contains valid information, and the WRITE
signal is valid.
5.
If nWAIT is asserted, the chip inserts wait states into I/O write cycle until the peripheral deasserts nWAIT or a time-
out occurs.
6.
The chip drives the final sync, deasserts nDATASTB or nADDRSTRB and latches the data from the internal data
bus for the PData bus.
7.
Chip may modify nWRITE, PDIR and nPDATA in preparation of the next cycle.
EPP 1.7 Read
The timing for a read operation (data) is shown in timing diagram EPP 1.7 Read Data cycle. The chip inserts wait states
into the I/O read cycle when nWAIT is active low during the EPP cycle. This can be used to extend the cycle time. The
read cycle can complete when nWAIT is inactive high.
Read Sequence of Operation
1.
The host sets PDIR bit in the control register to a logic "1". This deasserts nWRITE and tri-states the PData bus.
2.
The host initiates an I/O read cycle to the selected EPP register.
3.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus is tri-stated, PDIR is set and the nWRITE signal
is valid.
4.
If nWAIT is asserted, the chip inserts wait states into the I/O read cycle until the peripheral deasserts nWAIT or a
time-out occurs.
5.
The Peripheral drives PData bus valid.
6.
The Peripheral deasserts nWAIT, indicating that PData is valid and the chip may begin the termination phase of the
cycle.
7.
The chip drives the final sync and deasserts nDATASTB or nADDRSTRB.
8.
Peripheral tri-states the PData bus.
9.
Chip may modify nWRITE, PDIR and nPDATA in preparation of the next cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com