Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IRF730
Description  PowerMOS transistor Avalanche energy rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF730 Datasheet(HTML) 1 Page - NXP Semiconductors

  IRF730 Datasheet HTML 1Page - NXP Semiconductors IRF730 Datasheet HTML 2Page - NXP Semiconductors IRF730 Datasheet HTML 3Page - NXP Semiconductors IRF730 Datasheet HTML 4Page - NXP Semiconductors IRF730 Datasheet HTML 5Page - NXP Semiconductors IRF730 Datasheet HTML 6Page - NXP Semiconductors IRF730 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
IRF730
Avalanche energy rated
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Repetitive Avalanche Rated
• Fast switching
V
DSS = 400 V
• High thermal cycling performance
• Low thermal resistance
I
D = 7.2 A
R
DS(ON) ≤ 1 Ω
GENERAL DESCRIPTION
PINNING
SOT78 (TO220AB)
N-channel,
enhancement
mode
PIN
DESCRIPTION
field-effect
power
transistor,
intended for use in off-line switched
1
gate
mode power supplies, T.V. and
computer monitor power supplies,
2
drain
d.c. to d.c. converters, motor control
circuits
and
general
purpose
3
source
switching applications.
tab
drain
The IRF730 is supplied in the
SOT78 (TO220AB) conventional
leaded package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 150˚C
-
400
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 150˚C; RGS = 20 kΩ
-
400
V
V
GS
Gate-source voltage
-
± 30
V
I
D
Continuous drain current
T
mb =
25 ˚C; V
GS = 10 V
-
7.2
A
T
mb = 100 ˚C; VGS = 10 V
-
4.6
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
29
A
P
D
Total dissipation
T
mb = 25 ˚C
-
125
W
T
j, Tstg
Operating junction and
- 55
150
˚C
storage temperature range
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 4.8 A;
-
290
mJ
energy
t
p = 0.23 ms; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V; refer
to fig:17
E
AR
Repetitive avalanche energy
1
I
AR = 7.2 A; tp = 2.5 µs; Tj prior to
-
9.4
mJ
avalanche = 25˚C; R
GS = 50 Ω; VGS = 10 V;
refer to fig:18
I
AS, IAR
Repetitive and non-repetitive
-
7.2
A
avalanche current
d
g
s
12 3
tab
1 pulse width and repetition rate limited by T
j max.
March 1999
1
Rev 1.000


Similar Part No. - IRF730

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Fairchild Semiconductor
IRF730 FAIRCHILD-IRF730 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF730 FAIRCHILD-IRF730 Datasheet
898Kb / 10P
400V N-Channel MOSFET
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRF730 IRF-IRF730 Datasheet
102Kb / 8P
SMPS MOSFET
More results

Similar Description - IRF730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
IRF840 PHILIPS-IRF840 Datasheet
60Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com