Electronic Components Datasheet Search
  English  ▼

X  

83C694D Datasheet(PDF) 4 Page - SMSC Corporation

Part # 83C694D
Description  Twisted-Pair Interface and Manchester Encoder/Decoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

83C694D Datasheet(HTML) 4 Page - SMSC Corporation

  83C694D Datasheet HTML 1Page - SMSC Corporation 83C694D Datasheet HTML 2Page - SMSC Corporation 83C694D Datasheet HTML 3Page - SMSC Corporation 83C694D Datasheet HTML 4Page - SMSC Corporation 83C694D Datasheet HTML 5Page - SMSC Corporation 83C694D Datasheet HTML 6Page - SMSC Corporation 83C694D Datasheet HTML 7Page - SMSC Corporation 83C694D Datasheet HTML 8Page - SMSC Corporation 83C694D Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
1.0
INTRODUCTION
1.1
DOCUMENT SCOPE
This document describes the function and opera-
tion of the 83C694D Twisted-Pair Interface and
Manchester Encoder/Decoder. It includes a de-
scription of external logic necessary for the efficient
use of this device and its proper role in the chip set
which includes the 83C690 and 83B692 as shown
in Figure 1-1. Figure 1-2 provides a functional block
diagram of the 83C694D chip itself.
1.2
FEATURES
Features of the 83C694D include:
•
Twisted-Pair interface solution for IEEE 802.3
10BaseT Standard
•
Compatible with Ethernet II (10BASE5) and
Cheapernet (10BASE2) IEEE 802.3 Stand-
ards
•
Smart Squelch
© digital noise filter at receive
and collision inputs to reject noise and digital
noise on twisted-pair receive inputs.
•
Direct connection to the transceiver (AUI) ca-
ble
•
16V fault protection at the AUI transmitter in-
terface
•
10 Mbps Manchester encoding/ decoding with
receive clock recovery
•
Low power, 1.25
µ CMOS technology
•
TTL/MOS-compatible controller interface
•
Externally-selectable half- or full-step modes
of operation at AUI TX
± outputs
•
Loopback capability for diagnostics
•
Single station interface operation
•
Link test generation and digital equalization for
twisted-pair transmitter
•
Automatic phase detection
•
AUI/TP autoselect
•
Built-in LED drivers for transmit, receive, link
test and polarity status indicators
1.3
GENERAL DESCRIPTION
The 83C694D is used for applications where
Twisted-Pair Interface (TPI) and/or Attachment Unit
Interface (AUI) functions are required. Its two main
functions are to:
1.
Receive a digital data stream from a low-level
input signal and
2.
Convert a digital output data stream into an
analog high-current signal for transmission
across a network cable.
This means that the 83C694D serves as the logical
link between a network cable on one end and a
digital controller chip (such as the 83C690) on the
other end.
To accomplish these two functions, the 83C694D
consists of these components: Manchester en-
coder/decoder, balanced drivers and receivers, on-
board crystal oscillator, signal translator, diagnostic
circuit, and protocol timers and state machines.
The remainder of this data sheet contains the fol-
lowing information:
Section 2 discusses the system architecture in-
cluding an explanation of all chip circuits.
Section 3 provides pin descriptions.
Section 4 provides DC Operating Characteristics.
Section 5 provides AC Operating Characteristics
including Interface Timing diagrams.
Section 6 provides the PLCC package diagram of
this chip.
INTRODUCTION
83C694D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com