Electronic Components Datasheet Search
  English  ▼

X  

LAN91C95 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN91C95
Description  ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C95 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN91C95 Datasheet HTML 9Page - SMSC Corporation LAN91C95 Datasheet HTML 10Page - SMSC Corporation LAN91C95 Datasheet HTML 11Page - SMSC Corporation LAN91C95 Datasheet HTML 12Page - SMSC Corporation LAN91C95 Datasheet HTML 13Page - SMSC Corporation LAN91C95 Datasheet HTML 14Page - SMSC Corporation LAN91C95 Datasheet HTML 15Page - SMSC Corporation LAN91C95 Datasheet HTML 16Page - SMSC Corporation LAN91C95 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
13
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
TYPE
DESCRIPTION
15
Speaker
Output
SPKROUT
O4 tri-stable
with pullup
Speaker Output. This pin reflects the SPKRIN
pin when enabled by the AUDIO bit (Modem
CSR bit 3). When disabled this pin is tri-
stated.
28
nMPDOUT
I Schmitt
Used to control Powerdown mode. Tie to a
180K pull-up and a 0.1uF cap to ground.
Tie high when not used. This signal is used
in the RC time constant.
29
MFBK1
O4 with
pullup
Tie to nMPDOUT through a 5.1M resistor.
This signal is used in the RC time constant
in conjuction with the nMPDOUT pin.
16
n16 Bit
Modem
nMIS16
I with pullup
Input. When low, it indicates a 16 bit modem,
otherwise the modem is 8 bit wide. Used to
determine if nIOIS16 (PCMCIA) and nIOCS16
(ISA) need to be asserted for modem cycles.
The value of this pin may change from cycle to
cycle.
110
EEPROM
Clock
EESK
O4
Output. 4
µs clock used to shift data in and out
of the serial EEPROM.
109
EEPROM
Chip Select
EECS
O4
Output. Serial EEPROM chip select.
108
EEPROM
Data Out
EEDO/
SDOUT
O4
Output. Connected to the DI input of the serial
EEPROM.
107
EEPROM
Data In
EEDI
I with pull-
down
Input. Connected to the DO output of the serial
EEPROM.
103,
105, 106
I/O Base
IOS0-IOS2
I with pullup
Input. External switches can be connected to
these lines to select between predefined
EEPROM configurations. The values of these
pins are readable. These pins are used in ISA
mode only. If in PCMCIA mode, these pins are
not used.
9
nTransmit
LED
nTXLED
OD16
Internal ENDEC - Transmit LED output.
nTransmit
Enable
nTXEN
O162
External ENDEC - Active low Transmit Enable
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com