Electronic Components Datasheet Search
  English  ▼

X  

LAN91C95 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN91C95
Description  ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C95 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN91C95 Datasheet HTML 35Page - SMSC Corporation LAN91C95 Datasheet HTML 36Page - SMSC Corporation LAN91C95 Datasheet HTML 37Page - SMSC Corporation LAN91C95 Datasheet HTML 38Page - SMSC Corporation LAN91C95 Datasheet HTML 39Page - SMSC Corporation LAN91C95 Datasheet HTML 40Page - SMSC Corporation LAN91C95 Datasheet HTML 41Page - SMSC Corporation LAN91C95 Datasheet HTML 42Page - SMSC Corporation LAN91C95 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
39
Table 8A - Effect of STSCHG_SLCT Bit in CR/Refer to table 8B for next states to wake-up
events
(*Rev. C and Higher)
CURRENT STATE
No
MCOR
FUNC
ENABLE
BIT
MCSR
PWR
DOWN
BIT
CR
STSCHG_
SLCT BIT
(New)
MODEM IN
POWER DOWN
Ring Event (Assuming
Enabled) on nSTSCHG
Pin (A=Assrtd)
Ring Event (Assuming
Disabled) on nSTSCHG Pin
(A=Assrtd)
1
0
X
0
Y
nA
nA
2
0
X
1
Y
A
nA
3
1
0
X
N
A
nA
4
1
1
X
Y
A
nA
Table 8B (*Rev. C and Higher)
NEXT STATE
MCOR
FUNCTION
ENABLE BIT
MCSR
POWER
DOWN BIT
CR STSCHG_SLCT
BIT (New)
MODEM IN
POWER
DOWN
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change
No Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com