Electronic Components Datasheet Search
  English  ▼

X  

USB97C102 Datasheet(PDF) 50 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 50 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 46Page - SMSC Corporation USB97C102 Datasheet HTML 47Page - SMSC Corporation USB97C102 Datasheet HTML 48Page - SMSC Corporation USB97C102 Datasheet HTML 49Page - SMSC Corporation USB97C102 Datasheet HTML 50Page - SMSC Corporation USB97C102 Datasheet HTML 51Page - SMSC Corporation USB97C102 Datasheet HTML 52Page - SMSC Corporation USB97C102 Datasheet HTML 53Page - SMSC Corporation USB97C102 Datasheet HTML 54Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
SMSC DS – USB97C102
Page 50
Rev. 03/23/2000
Table 90 - Transmit FIFO Status Register B
STAT_B
(0x7F61 - RESET=0x55)
TRANSMIT FIFO STATUS REGISTER B
BIT
NAME
R/W
DESCRIPTION
7
EP7TX_EMPTY
R
Endpoint 7 Transmit Packet FIFO Status
Bits [7:6]='11' Invalid
Bits [7:6]='10' Empty (No Packets queued)
Bits [7:6]='01' Full (5 Packets queued)
Bits [7:6]='00' Partially Full (1, 2, 3, or 4 Packets queued)
6
EP7TX_FULL
R
5
EP6TX_EMPTY
R
Endpoint 6 Transmit Packet FIFO Status
Bits [5:4]='11' Invalid
Bits [5:4]='10' Empty (No Packets queued)
Bits [5:4]='01' Full (5 Packets queued)
Bits [5:4]='00' Partially Full (1, 2, 3, or 4 Packets queued)
4
EP6TX_FULL
R
3
EP5TX_EMPTY
R
Endpoint 5 Transmit Packet FIFO Status
Bits [3:2]='11' Invalid
Bits [3:2]='10' Empty (No Packets queued)
Bits [3:2]='01' Full (5 Packets queued)
Bits [3:2]='00' Partially Full (1, 2, 3, or 4 Packets queued)
2
EP5TX_FULL
R
1
EP4TX_EMPTY
R
Endpoint 4 Transmit Packet FIFO Status
Bits [1:0]='11' Invalid
Bits [1:0]='10' Empty (No Packets queued)
Bits [1:0]='01' Full (5 Packets queued)
Bits [1:0]='00' Partially Full (1, 2, 3, or 4 Packets queued)
0
EP4TX_FULL
R
Table 91 - Transmit FIFO Status Register C
TXSTAT_C
(0x7F62 - RESET=0x55)
TRANSMIT FIFO STATUS REGISTER C
BIT
NAME
R/W
DESCRIPTION
7
EP11TX_EMPTY
R
Endpoint 11 Transmit Packet FIFO Status
Bits [7:6]='11' Invalid
Bits [7:6]='10' Empty (No Packets queued)
Bits [7:6]='01' Full (5 Packets queued)
Bits [7:6]='00' Partially Full (1, 2, 3, or 4 Packets queued)
6
EP11TX_FULL
R
5
EP10TX_EMPTY
R
Endpoint 10 Transmit Packet FIFO Status
Bits [5:4]='11' Invalid
Bits [5:4]='10' Empty (No Packets queued)
Bits [5:4]='01' Full (5 Packets queued)
Bits [5:4]='00' Partially Full (1, 2, 3, or 4 Packets queued)
4
EP10TX_FULL
R
3
EP9TX_EMPTY
R
Endpoint 9 Transmit Packet FIFO Status
Bits [3:2]='11' Invalid
Bits [3:2]='10' Empty (No Packets queued)
Bits [3:2]='01' Full (5 Packets queued)
Bits [3:2]='00' Partially Full (1, 2, 3, or 4 Packets queued)
2
EP9TX_FULL
R
1
EP8TX_EMPTY
R
Endpoint 8 Transmit Packet FIFO Status
Bits [1:0]='11' Invalid
Bits [1:0]='10' Empty (No Packets queued)
Bits [1:0]='01' Full (5 Packets queued)
Bits [1:0]='00' Partially Full (1, 2, 3, or 4 Packets queued)
0
EP8TX_FULL
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com