Electronic Components Datasheet Search
  English  ▼

X  

USB97C102 Datasheet(PDF) 66 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 66 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 62Page - SMSC Corporation USB97C102 Datasheet HTML 63Page - SMSC Corporation USB97C102 Datasheet HTML 64Page - SMSC Corporation USB97C102 Datasheet HTML 65Page - SMSC Corporation USB97C102 Datasheet HTML 66Page - SMSC Corporation USB97C102 Datasheet HTML 67Page - SMSC Corporation USB97C102 Datasheet HTML 68Page - SMSC Corporation USB97C102 Datasheet HTML 69Page - SMSC Corporation USB97C102 Datasheet HTML 70Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
SMSC DS – USB97C102
Page 66
Rev. 03/23/2000
HubControl1
(0x7FA6- RESET=0x00)
HUB CONTROL REGISTER1
BIT
NAME
R/W
DESCRIPTION
3
HubBypass3
R/W
When this bit is set(1), Ports 1 and 3 are no longer connected to the hub.
Port 1 (which is connected to the rest of the 97C102) is connected to port
3. Port 3 becomes the upstream of Port 1. See figure on next page. See
Note1.
2
HubBypass2
R/W
When this bit is set(1), Ports 1 and 2 are no longer connected to the hub.
Port 1 (which is connected to the rest of the 97C102) is connected to port
2. Port 2 becomes the upstream of Port 1. See figure on next page. See
Note1.
1
ForceSE0
R/W
Force Single Ended zero (SE0). – This bit will force a SE0 condition on the
upstream port of Port 1 (as selected by the Host_EmuX bits). It is the
responsibility of the 8051 MCU to make sure the duty cycle of the SE0
assertion is within the USB specified range for the intended operation
(EOP = exactly 2 low speed periods; Disconnect > 2.5µs).
0
GangedPWR
R/W
Ganged Power Sense enable – When this bit is set (1), the Power Control
block of the HUB Compound device will internally OR the power OK sense
pins (nPWROK[5:2]) and Power Enable (nPWREN[5:2]) pins. This will
allow the system designer the ability to reduce implementation costs by
reducing the external current hardware. In this mode, since only one
Sense and Enable PIN is required, the unused input pins must be tied to
VDD (1) and the unused output pins may be left unconnected.
Note 1: When the SMSC USB97C102 is in “HubBypass” mode, all other ports, with the HubBypass bit cleared (0),
are still connected to the internal USB Hub. Please refer to FIGURE 8 – HUBBYPASS2 on page 67 for a diagram
showing “HubBypass” mode. It is recommended that only one “HubBypass” bit be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com