Electronic Components Datasheet Search
  English  ▼

X  

EMC1402 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC1402
Description  1째C Temperature Sensor with Beta Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1402 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC1402 Datasheet HTML 9Page - SMSC Corporation EMC1402 Datasheet HTML 10Page - SMSC Corporation EMC1402 Datasheet HTML 11Page - SMSC Corporation EMC1402 Datasheet HTML 12Page - SMSC Corporation EMC1402 Datasheet HTML 13Page - SMSC Corporation EMC1402 Datasheet HTML 14Page - SMSC Corporation EMC1402 Datasheet HTML 15Page - SMSC Corporation EMC1402 Datasheet HTML 16Page - SMSC Corporation EMC1402 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
1°C Temperature Sensor with Beta Compensation
Datasheet
SMSC EMC1402
13
Revision 1.16 (03-15-07)
DATASHEET
Chapter 4 System Management Bus Interface Protocol
4.1
System Management Bus Interface Protocol
TheEMC1402 communicates with a host controller, such as an SMSC SIO, through the SMBus. The
SMBus is a two-wire serial communication protocol between a computer host and its peripheral
devices. A detailed timing diagram is shown in Figure 4.1.
.
The EMC1402 is SMBus 2.0 compatible and support Send Byte, Read Byte, Write Byte, Receive Byte,
and the Alert Response Address as valid protocols as shown below.
All of the below protocols use the convention in Table 4.1.
Attempting to communicate with the EMC1402 SMBus interface with an invalid slave address or invalid
protocol will result in no response from the device and will not affect its register contents. Stretching
of the SMCLK signal is supported, provided other devices on the SMBus control the timing.
4.2
Write Byte
The Write Byte is used to write one byte of data to the registers as shown below Table 4.2:
Figure 4.1 SMBus Timing Diagram
Table 4.1 Protocol Format
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
# of bits sent
# of bits sent
Table 4.2 Write Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
STOP
1
7
1
181
8
1
1
SMDTA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DAT
TSU:STA
THD:STA
P
TSU:STO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com