Electronic Components Datasheet Search
  English  ▼

X  

EMC1402 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1402
Description  1째C Temperature Sensor with Beta Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1402 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1402 Datasheet HTML 4Page - SMSC Corporation EMC1402 Datasheet HTML 5Page - SMSC Corporation EMC1402 Datasheet HTML 6Page - SMSC Corporation EMC1402 Datasheet HTML 7Page - SMSC Corporation EMC1402 Datasheet HTML 8Page - SMSC Corporation EMC1402 Datasheet HTML 9Page - SMSC Corporation EMC1402 Datasheet HTML 10Page - SMSC Corporation EMC1402 Datasheet HTML 11Page - SMSC Corporation EMC1402 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
1°C Temperature Sensor with Beta Compensation
Datasheet
Revision 1.16 (03-15-07)
8
SMSC EMC1402
DATASHEET
Chapter 1 Block Diagram
1.1
Part Selection
The EMC1402 device configuration is highlighted below.
Table 1.1 Part Selection
PART
NUMBER
SMBUS
ADDRESS
FUNCTIONALITY
PRODUCT
ID
EXTERNAL
DIODES
DIODE 1 DEFAULT
CONFIGURATION
DIODE 2
DEFAULT
CONFIGURATION
OTHER
EMC1402 - 1
100_1100b
1
Detect Diode w/
REC enabled
N/A
Software
programmable
and maskable
High Limits
Software
programmable
THERM Limits
20h
EMC1402 - 2
100_1101b
Internal
Temp Diode
Switching
Current
Analog
Mux
Internal
Temperature
Register
Low Limit Registers
High Limit Registers
Conversion Rate Register
Interupt Masking
Status Registers
Configuration Register
ALERT
THERM
SMCLK
SMDATA
DP1
DN1
VDD
GND
EMC1402
External
Temperature
Register(s)
ΔΣ ADC
THERM Limit Register
THERM Hysteresis Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com