Electronic Components Datasheet Search
  English  ▼

X  

IRLZ34 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IRLZ34
Description  N-channel enhancement mode Logic level TrenchMOS transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRLZ34 Datasheet(HTML) 4 Page - NXP Semiconductors

  IRLZ34 Datasheet HTML 1Page - NXP Semiconductors IRLZ34 Datasheet HTML 2Page - NXP Semiconductors IRLZ34 Datasheet HTML 3Page - NXP Semiconductors IRLZ34 Datasheet HTML 4Page - NXP Semiconductors IRLZ34 Datasheet HTML 5Page - NXP Semiconductors IRLZ34 Datasheet HTML 6Page - NXP Semiconductors IRLZ34 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRLZ34N
Logic level TrenchMOS
TM transistor
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 17 A; VGS = 5 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
0246
8
10
0
20
40
60
80
100
10
7
VGS = 6.0 V
5.6
5.0
4.6
4.0
3.6
3.0
Drain current, ID (A)
Drain-source voltage, VDS (V)
0
1020
3040
506070
5
10
15
20
25
30
Transconductance, gfs (S)
Drain current, ID (A)
0
1020
3040
5060
25
30
35
40
45
RDS(ON)/mOhm
VGS/V =
ID/A
4
4.2
4.4
4.6
4.8
5
-100
-50
0
50
100
150
200
0.5
1
1.5
2
2.5
BUK959-60
Tmb / degC
Rds(on) normlised to 25degC
a
0
1
2
345
67
0
10
20
30
40
50
60
70
ID/A
VGS/V
Tj/C =
175
25
BUK959-60
-100
-50
0
50
100
150
200
0
0.5
1
1.5
2
2.5
Tj / C
VGS(TO) / V
max.
typ.
min.
February 1999
4
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com