Electronic Components Datasheet Search
  English  ▼

X  

THS7316 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7316 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS7316 Datasheet HTML 12Page - Texas Instruments THS7316 Datasheet HTML 13Page - Texas Instruments THS7316 Datasheet HTML 14Page - Texas Instruments THS7316 Datasheet HTML 15Page - Texas Instruments THS7316 Datasheet HTML 16Page - Texas Instruments THS7316 Datasheet HTML 17Page - Texas Instruments THS7316 Datasheet HTML 18Page - Texas Instruments THS7316 Datasheet HTML 19Page - Texas Instruments THS7316 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
+
-
Input
Pin
800kW
Input
Cin
Internal
Circuitry
3.3V
3.3V
3.01MW
140mVLevel
Shifter
V
DC + VS
800k
800k ) RPU
(1)
OUTPUT MODE OF OPERATION – DC COUPLED
THS7316
SLOS521 – MARCH 2007
APPLICATION INFORMATION (continued)
Figure 30. AC-Bias Input Mode Circuit Configuration
The dc voltage appearing at the input pin is approximately equal to:
The THS7316 allowable input range is approximately (+Vs – 1.5V) which allows for a wide input voltage range.
As such, the input dc-bias point is flexible with the output dc-bias point being the primary factor. For example, if
the output dc-bias point is desired to be 1.65-V on a 3.3-V supply, then the input dc-bias point should be (1.65 V
– 280 mV) /2 = 0.685 V. Thus, the pull-up resistor calculates to about 3.01-M
Ω resulting in 0.693 V. If the input
dc-bias point is desired to be 0.685 V with a 5-V power supply, then the pull-up resistor calculates to about
5.1-M
Ω.
The internal 800-k
Ω resistor has approximately a ±20% variance. As such, the calculations should take this into
account. For the 0.693 V example above using an ideal 3.01-M
Ω resistor, the input dc-bias voltage is about
0.693 V
±0.11 V.
One other issue that must be taken into account is that the dc-bias point is a function of the power supply. As
such, there may be an impact on power supply rejection (PSRR) on the system. To help reduce the impact, the
input capacitor combined with the pull-up resistance functions as a low-pass filter. Additionally, the time to
charge the capacitor to the final dc-bias point is also a function of the pull-up resistor and the input capacitor.
Lastly, the input capacitor forms a high-pass filter with the parallel impedance of the pull-up resistor and the
800-k
Ω resistor. It is good to have this high pass filter at about 3-Hz to minimize any potential droop on a P'
B,
P'R, or non-sync signals. A 0.1-µF input capacitor with a 3.01-MΩ pull-up resistor equates to about a 2.5-Hz
high-pass corner frequency.
This mode of operation is recommended for use with chroma (C'), P’B, P'R, U', V', and non-sync B' and/or R'
signals.
The THS7316 incorporates a rail-to-rail output stage that can be used to drive the line directly without the need
for large ac-coupling capacitors as shown in Figure 31. This offers the best line tilt and field tilt (or droop)
performance since there is no ac-coupling occurring. Remember that if the input is ac-coupled, then the resulting
tilt due to the input ac-coupling is seen on the output regardless of the output coupling. The 80-mA output
current drive capability of the THS7316 was designed to drive two video lines per channel simultaneously –
essentially a 75-
Ω load – while keeping the output dynamic range as wide as possible.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com