Electronic Components Datasheet Search
  English  ▼

X  

THS7316 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7316 Datasheet(HTML) 3 Page - Texas Instruments

  THS7316 Datasheet HTML 1Page - Texas Instruments THS7316 Datasheet HTML 2Page - Texas Instruments THS7316 Datasheet HTML 3Page - Texas Instruments THS7316 Datasheet HTML 4Page - Texas Instruments THS7316 Datasheet HTML 5Page - Texas Instruments THS7316 Datasheet HTML 6Page - Texas Instruments THS7316 Datasheet HTML 7Page - Texas Instruments THS7316 Datasheet HTML 8Page - Texas Instruments THS7316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
LPF
6dB
LPF
6dB
LPF
6dB
Channel3
Output
Channel1
Output
140mV
Level
Shift
800kW
Channel2
Output
800kW
3Vto5V
800kW
Channel3
Input
Sync-Tip
Clamp
(DCRestore)
5-Pole
36-MHz
Channel1
Input
Channel2
Input
Sync-Tip
Clamp
(DCRestore)
Sync-Tip
Clamp
(DCRestore)
5-Pole
36-MHz
gm
+
-
5-Pole
36-MHz
+Vs
+Vs
+Vs
140mV
Level
Shift
140mV
Level
Shift
gm
+
-
gm
+
-
PIN CONFIGURATION
5
8
7
6
1
2
3
4
CH.1IN
CH.2IN
CH.3IN
V
S+
CH.1OUT
CH.2OUT
CH.3OUT
GND
THS7316
THS7316
SLOS521 – MARCH 2007
FUNCTIONAL DIAGRAM
SOIC-8 (D)
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO. SOIC-8
CH. 1 – INPUT
1
I
Video Input – Channel 1
CH. 2 – INPUT
2
I
Video Input – Channel 2
CH. 3 – INPUT
3
I
Video Input – Channel 3
+Vs
4
I
Positive Power Supply Pin – connect to 3 V to 5 V.
GND
5
I
Ground Pin for all internal circuitry.
CH. 3 – OUTPUT
6
O
Video Output – Channel 3
CH. 2 – OUTPUT
7
O
Video Output – Channel 2
CH. 1 – OUTPUT
8
O
Video Output – Channel 1
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com