Electronic Components Datasheet Search
  English  ▼

X  

J211 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # J211
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J211 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button J211 Datasheet HTML 3Page - NXP Semiconductors J211 Datasheet HTML 4Page - NXP Semiconductors J211 Datasheet HTML 5Page - NXP Semiconductors J211 Datasheet HTML 6Page - NXP Semiconductors J211 Datasheet HTML 7Page - NXP Semiconductors J211 Datasheet HTML 8Page - NXP Semiconductors J211 Datasheet HTML 9Page - NXP Semiconductors J211 Datasheet HTML 10Page - NXP Semiconductors J211 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Dec 01
7
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
Fig.10 Input characteristics; typical values.
J212.
VDS = 10 V; Tj =25 °C.
handbook, halfpage
−6
−4
−20
24
0
8
16
MGM285
ID
(mA)
VGS (V)
Fig.11 Feedback capacitance as a function of
gate-source voltage; typical values.
VDS = 15 V; f = 1 Mhz; Tamb =25 °C.
handbook, halfpage
−10
0
−2
2
1.5
0.5
0
1
−6
−4
−8
MGM286
Crs
(pF)
VGS (V)
Fig.12 Input capacitance as a function of
gate-source voltage; typical values.
VDS = 15 V; f = 1 Mhz; Tamb =25 °C.
handbook, halfpage
−10
0
5
0
1
MGM287
2
3
4
−8
−6
−4
−2
Cis
(pF)
VGS (V)
Fig.13 Power derating curve.
handbook, halfpage
0
50
100
150
500
0
400
300
200
100
MGM290
Ptot
(mW)
Tamb (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com