Electronic Components Datasheet Search
  English  ▼

X  

ICL7665SCBAZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SCBAZ Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7665SCBAZ Datasheet HTML 1Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 2Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 3Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 4Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 5Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN3182.8
April 5, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18V
Output Voltages OUT1 and OUT2 . . . . . . . . . . . . . . . . . -0.3V to 18V
(with respect to GND) (Note 2)
Output Voltages HYST1 and HYST2 . . . . . . . . . . . . . . -0.3V to +18V
(with respect to V+) (Note 2)
Input Voltages SET1 and SET2 . . . . . (GND -0.3V) to (V+ V- +0.3V)
(Note 2)
Maximum Sink Output OUT1 and OUT2 . . . . . . . . . . . . . . . . . 25mA
Maximum Source Output Current
HYST1 and HYST2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25mA
Operating Conditions
Temperature Range
ICL7665SC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to 70°C
ICL7665SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40
°C to 85°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Junction Temperature (Plastic) . . . . . . . . . . . . . . . . 150°C
Maximum Junction Temperature (CERDIP). . . . . . . . . . . . . . . 175°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to voltages greater than (V+
+0.3V) or less than (GND - 0.3V) may cause destructive device latchup. For these reasons, it is recommended that no inputs from external
sources not operating from the same power supply be applied to the device before its supply is established, and that in multiple supply systems,
the supply to the ICL7665S be turned on first. If this is not possible, current into inputs and/or outputs must be limited to
±0.5mA and voltages
must not exceed those defined above.
Electrical Specifications
The specifications below are applicable to both the ICL7665S and ICL7665SA. V+ = 5V, TA = 25°C,
Test Circuit Figure 7. Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
ICL7665S
TA = 25°C1.6
-
16
V
0°C
≤ TA ≤ 70°C1.8
-
16
V
-25°C
≤ TA ≤ 85°C1.8
-
16
V
ICL7665SA
0°C
≤ TA ≤ 70°C1.8
-
16
V
-25°C
≤ TA ≤ 85°C1.8
-
16
V
Supply Current
I+
GND
≤ VSET1, VSET2 ≤ V+, All Outputs Open Circuit
0°C
≤ TA ≤ 70°C
V+ = 2V
-
2.5
10
µA
V+ = 9V
-
2.6
10
µA
V+ = 15V
-
2.9
10
µA
-40°C
≤ TA ≤ 85°C
V+ = 2V
-
2.5
10
µA
V+ = 9V
-
2.6
10
µA
V+ = 15V
-
2.9
10
µA
Input Trip Voltage
VSET1
ICL7665S
1.20
1.30
1.40
V
VSET2
1.20
1.30
1.40
V
VSET1
ICL7665SA
1.275
1.30
1.325
V
VSET2
1.275
1.30
1.325
V
Temperature Coefficient of
VSET
∆VSET
∆T
ICL7665S
-
200
-
ppm
ICL7665SA
-
100
-
ppm
Supply Voltage Sensitivity of
VSET1, VSET2
∆VSET
∆VS
ROUT1, ROUT2, RHYST1, R2HYST2 = 1MΩ,
2V
≤ V+ ≤ 10V
-0.03-
%/V
ICL7665S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com