Electronic Components Datasheet Search
  English  ▼

X  

ICL7665SCBAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SCBAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7665SCBAZ Datasheet HTML 1Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 2Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 3Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 4Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 5Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN3182.8
ICL7665S
CMOS Micropower Over/Under Voltage
Detector
The ICL7665S Super CMOS Micropower Over/Under
Voltage Detector contains two low power, individually
programmable Voltage detectors on a single CMOS chip.
Requiring typically 3
µA for operation, the device is intended
for battery-operated systems and instruments which require
high or low voltage warnings, settable trip points, or fault
monitoring and correction. The trip points and hysteresis of
the two voltage detectors are individually programmed via
external resistors. An internal bandgap-type reference
provides an accurate threshold voltage while operating from
any supply in the 1.6V to 16V range.
The ICL7665S, Super Programmable Over/Under Voltage
Detector is a direct replacement for the industry standard
ICL7665B offering wider operating voltage and temperature
ranges, improved threshold accuracy (ICL7665SA), and
temperature coefficient, and guaranteed maximum supply
current. All improvements are highlighted in the electrical
characteristics section. All critical parameters are
guaranteed over the entire commercial and industrial
temperature ranges.
Pinout
ICL7665S
(SOIC, PDIP)
TOP VIEW
Features
• Guaranteed 10
µA Maximum Quiescent Current Over
Temperature
• Guaranteed Wider Operating Voltage Range Over Entire
Operating Temperature Range
• 2% Threshold Accuracy (ICL7665SA)
• Dual Comparator with Precision Internal Reference
• 100ppm/°C Temperature Coefficient of Threshold Voltage
• 100% Tested at 2V
• Output Current Sinking Ability . . . . . . . . . . . . Up to 20mA
• Individually Programmable Upper and Lower Trip Voltages
and Hysteresis Levels
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Pocket Pagers
• Portable Instrumentation
• Charging Systems
• Memory Power Back-Up
• Battery Operated Systems
• Portable Computers
• Level Detectors
OUT 1
HYST 1
SET 1
GND
1
2
3
4
8
7
6
5
V+
OUT 2
SET 2
HYST 2
Data Sheet
April 5, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright GE/Intersil 1983-84, GE/RCA 1987, Harris Corp. 1994, Intersil Americas Inc. 1999, 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ICL7665SCBAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7665SCBAZ RENESAS-ICL7665SCBAZ Datasheet
765Kb / 15P
CMOS Micropower Over/Under Voltage Detector
August 10, 2015
ICL7665SCBAZA RENESAS-ICL7665SCBAZA Datasheet
765Kb / 15P
CMOS Micropower Over/Under Voltage Detector
August 10, 2015
More results

Similar Description - ICL7665SCBAZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
3V Under Voltage Detector
logo
Microchip Technology
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
Micropower Voltage Detector
04/20/05
logo
Rohm
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
3V Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
CMOS Over Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com