Electronic Components Datasheet Search
  English  ▼

X  

BSS84 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BSS84
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS84 Datasheet(HTML) 1 Page - Diodes Incorporated

  BSS84 Datasheet HTML 1Page - Diodes Incorporated BSS84 Datasheet HTML 2Page - Diodes Incorporated BSS84 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30149 Rev. 11 - 2
1 of 3
BSS84
www.diodes.com
ã Diodes Incorporated
eristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-50
V
Drain-Gate Voltage RGS
£ 20KW
VDGR
-50
V
Gate-Source Voltage
Continuous
VGSS
±20
V
Drain Current (Note 1)
Continuous
ID
-130
mA
Total Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
Case: SOT-23
·
Case Material: UL Flammability Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish).
·
Terminal Connections: See Diagram
·
Marking (See Page 2): K84
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approximate)
Mechanical Data
A
E
J
L
TOP VIEW
M
B C
H
G
D
K
D
G
S
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Drain-Source Breakdown Voltage
BVDSS
-50
¾¾
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
¾
¾
¾
¾
¾
¾
-15
-60
-100
µA
µA
nA
VDS = -50V, VGS = 0V, TJ = 25
°C
VDS = -50V, VGS = 0V, TJ = 125
°C
VDS = -25V, VGS = 0V, TJ = 25
°C
Gate-Body Leakage
IGSS
¾¾
±10
nA
VGS =
±20V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
-0.8
¾
-2.0
V
VDS =VGS, ID = -1mA
Static Drain-Source On-Resistance
RDS (ON)
¾¾
10
W
VGS = -5V, ID = -0.100A
Forward Transconductance
gFS
0.05
¾¾
S
VDS = -25V, ID = -0.1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾¾
45
pF
VDS = -25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾¾
25
pF
Reverse Transfer Capacitance
Crss
¾¾
12
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾
10
¾
ns
VDD = -30V, ID = -0.27A,
RGEN = 50
W, VGS = -10V
Turn-Off Delay Time
tD(OFF)
¾
18
¾
ns
Note: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
Source
Gate
Drain
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
Maximum Ratings
@ TA = 25
°C unless otherwise specified
BSS84
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
·
Low On-Resistance
·
Low Gate Threshold Voltage
·
Low Input Capacitance
·
Fast Switching Speed
·
Low Input/Output Leakage
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
Lead-free
SPICE MODEL: BSS84


Similar Part No. - BSS84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS84 PHILIPS-BSS84 Datasheet
89Kb / 12P
P-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
logo
Siemens Semiconductor G...
BSS84 SIEMENS-BSS84 Datasheet
73Kb / 7P
SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS84 FAIRCHILD-BSS84 Datasheet
139Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS84 CET-BSS84 Datasheet
468Kb / 5P
P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
BSS84 DIODES-BSS84 Datasheet
48Kb / 2P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30149 Rev. 5 - 2
More results

Similar Description - BSS84

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com