Electronic Components Datasheet Search
  English  ▼

X  

BSS84 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSS84
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS84 Datasheet(HTML) 3 Page - Diodes Incorporated

  BSS84 Datasheet HTML 1Page - Diodes Incorporated BSS84 Datasheet HTML 2Page - Diodes Incorporated BSS84 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30149 Rev. 11 - 2
3 of 3
BSS84
www.diodes.com
0.0
-1.0
-0.8
-0.6
-0.4
-0.2
0
-2
-3
-4
-1
-8
-7
-6
-5
V , GATE-TO-SOURCE VOLTAGE (V)
GS
Fig. 3, Drain Current vs. Gate Source Voltage
T= -55 C
A
°
T= 25 C
A
°
T = 125 C
A
°
0
1
2
4
5
3
6
8
7
10
9
0
-1
-2
-3
-4
-5
V , GATE TO SOURCE (V)
Fig. 4, On Resistance vs. Gate Source Voltage
GS
T= 25 C
A
°
T = 125 C
A
°
0.0
5.0
10.0
0.0
-0.2
-0.4
-0.6
-0.8
1.0
I , DRAIN CURRENT (A)
Fig. 6, On-Resistance vs. Drain Current
D
15.0
20.0
25.0
V
= -8V
GS
V
= -10V
GS
V
= -3V
GS
V
= -3.5V
GS
V
= -4V
GS
V
= -4.5V
GS
V
= -6V
GS
V
= -5V
GS
0
3
6
9
12
15
-50
-25
0
25
50
125
100
75
150
T JUNCTION TEMPERATURE (°C)
Fig. 5, On-Resistance vs. Junction Temperature
J,
V
= -10V
I = -0.13A
GS
D
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com