Electronic Components Datasheet Search
  English  ▼

X  

LL5819 Datasheet(PDF) 2 Page - RFE international

Part # LL5819
Description  Schottky Surface Mount Rectifier Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LL5819 Datasheet(HTML) 2 Page - RFE international

  LL5819 Datasheet HTML 1Page - RFE international LL5819 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
50
150
FIG.1: FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375''(9.5mm)
Lead Length
Ta
(°C)
100
0.8
1.0
0
0.6
0.4
0.2
Frequency
Number of Cycles
FIG.2:MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
5
10
15
20
25
FIG.3:TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
Pulse width=300us
1% Duty Cycle
0.1
0.2
0.1
10
VF(V)
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.0
20
LL5817
LL5818-LL5819
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25°C
Tj=125°C
Tj=75°C
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
S-S549
08-10-2020
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Page 2 of 2
Schottky Surface Mount Rectifier Series
LL5817 Through LL5819
CHARACTERISTICS (Typical)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com