Electronic Components Datasheet Search
  English  ▼

X  

LL5819 Datasheet(PDF) 1 Page - RFE international

Part # LL5819
Description  Schottky Surface Mount Rectifier Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LL5819 Datasheet(HTML) 1 Page - RFE international

  LL5819 Datasheet HTML 1Page - RFE international LL5819 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Io
1.0A
VRRM 20V-40V
High surge current capability
Rectifier
Item
Symbol
Unit
Conditions
LL58
17
18
19
Repetitive
Peak
Reverse
Voltage
VRRM
V
20
30
40
Average Forward Current
IF(AV)
A
60Hz Half-sine wave, Resistance
load, Ta=80°C
1.0
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave,1 cycle,
Ta=25°C
25
Junction Temperature
TJ
°C
-55~+125
Storage Temperature
TSTG
°C
-55 ~ +150
Item
Symbol
Unit
Test Condition
Max
Peak Forward
Voltage
VFM
V
IFM=1.0A
LL58
17
18
19
0.45
0.55
0.6
Peak Reverse
Current
IRRM1
mA
VRM=VRRM
Ta=25°C
1.0
IRRM2
Ta=125°C
10
Thermal
Resistance(Typic
al)
RθJ-A
°C/W
Between junction and ambient
80
.205(5.20)
Dimensions in inches and (millimeters)
DO-213AB(MELF)
.185(4.70)
.022(0.56)
.106(2.70)
.018(0.46)
.090(2.30)
.102(2.60)
.087(2.20)
Solderable Ends
0.079(2.0)
0.197(5.0)
Mounting Pad Layout
0.118(3.0)
S-S549
08-10-2020
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Page 1 of 2
Schottky Surface Mount Rectifier Series
LL5817 Through LL5819
FEATURES
APPLICATIONS
LIMITING VALUES (Absolute Maximum Rating)
ELECTRICAL CHARACTERISTICS (Ta=25°C Unless otherwise specified)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
LL5817 THRU LL5819
F1
Approximate 0.0306
5000
10000
50000
13” reel
PACKAGING INFORMATION


Similar Part No. - LL5819

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5819 TSC-LL5819 Datasheet
62Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LL5819 TSC-LL5819 Datasheet
273Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
LL5819 JINANJINGHENG-LL5819 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
RFE international
LL5819 RFE-LL5819 Datasheet
111Kb / 1P
SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
EIC discrete Semiconduc...
LL5819 EIC-LL5819 Datasheet
39Kb / 2P
SCHOTTKY BARRIER
More results

Similar Description - LL5819

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com