Electronic Components Datasheet Search
  English  ▼

X  

BAS16TW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16TW
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16TW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16TW Datasheet HTML 1Page - Diodes Incorporated BAS16TW Datasheet HTML 2Page - Diodes Incorporated BAS16TW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30154 Rev. 9 - 2
1 of 3
MMBD4148TW / BAS16TW
www.diodes.com
ã Diodes Incorporated
MMBD4148TW / BAS16TW
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Please See Ordering Information, Note 5, on
Page 2
·
Polarity: See Diagram
·
Marking: KA2 (See Page 2)
·
Weight: 0.006 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
F
C
1
C
2
C
3
A
3
A
1
A
2
TOP VIEW
Features
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°
C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°
C
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
75
¾
V
IR = 1mA
Forward Voltage
VF
¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 2)
IR
¾
1.0
50
30
25
m
A
m
A
m
A
nA
VR = 75V
VR = 75V, Tj = 150°C
VR = 25V, Tj = 150°C
VR = 20V
Total Capacitance
CT
¾
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
For General Purpose Switching Applications
·
High Conductance
·
Lead Free/RoHS Compliant (Note 3)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0°
8°
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
TOP VIEW
Maximum Ratings @ T
A = 25°C unless otherwise specified
SPICE MODEL: BAS16TW


Similar Part No. - BAS16TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16TW DIODES-BAS16TW Datasheet
55Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30154 Rev. C-1
logo
Pan Jit International I...
BAS16TW PANJIT-BAS16TW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
566Kb / 2P
Multi-Chip Switching Diode Array
BAS16TW SECOS-BAS16TW Datasheet
488Kb / 2P
Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
BAS16TW MCC-BAS16TW Datasheet
178Kb / 2P
200mW Switching Diode
More results

Similar Description - BAS16TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
logo
Comchip Technology
CDSV6-4448C2 COMCHIP-CDSV6-4448C2 Datasheet
85Kb / 2P
Surface Mount FAST Switching Diode ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev 2
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com