Electronic Components Datasheet Search
  English  ▼

X  

BAS16TW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS16TW
Description  SURFACE MOUNT FAST SWITCHING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16TW Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS16TW Datasheet HTML 1Page - Diodes Incorporated BAS16TW Datasheet HTML 2Page - Diodes Incorporated BAS16TW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30154 Rev. 9 - 2
2 of 3
MMBD4148TW / BAS16TW
www.diodes.com
Device
Packaging
Shipping
MMBD4148TW-7-F
SOT-363
3000/Tape & Reel
BAS16TW-7-F
SOT-363
3000/Tape & Reel
Ordering Information (Note 4)
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
KA2 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KA2
Marking Information
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Forward Characteristics
T = -40ºC
A
T = 150ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0.1
1
10
100
1000
10000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T = 0ºC
A
0
50
100
150
200
250
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 4 Power Derating Curve
300
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Capacitance vs. Reverse Voltage
f = 1.0MHz
Year
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
L
M
N
P
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com