Electronic Components Datasheet Search
  English  ▼

X  

PLW0501H Datasheet(PDF) 1 Page - Protek Devices

Part # PLW0501H
Description  STANDARD CAPACITANCE TVS COMPONENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW0501H Datasheet(HTML) 1 Page - Protek Devices

  PLW0501H Datasheet HTML 1Page - Protek Devices PLW0501H Datasheet HTML 2Page - Protek Devices PLW0501H Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLW0501H
STANDARD CAPACITANCE TVS COMPONENT
1
05239.R2 2/07
www.protekdevices.com
APPLICATIONS
✔ Ethernet - 10/100/1000 Base T
✔ Cellular Phones
✔ Personal Digital Assistant (PDA)
✔ USB Interfaces
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ 250 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Cable Discharge Event (CDE) Protection
✔ ESD Protection > 25 kilovolts
✔ Unidirectional Configuration
✔ Protects One Unidirectional Line
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded EIAJ SC-79 Package
✔ Weight 2 milligrams (Approximate)
✔ Available Lead-Free Pure-Tin Plating (Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Device Marking: Marking Code & Polarity Band (Unidirectional Only)
SC-79
1
2
PIN CONFIGURATION


Similar Part No. - PLW0501H

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW0501H PROTEC-PLW0501H Datasheet
70Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H_11 Datasheet
442Kb / 6P
205 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
More results

Similar Description - PLW0501H

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW28 PROTEC-PLW28 Datasheet
70Kb / 3P
LOW CAPACITANCE TVS COMPONENT
PLW0501H PROTEC-PLW0501H Datasheet
70Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8 Datasheet
59Kb / 3P
LOW CAPACITANCE TVS COMPONENT
PLW0501D PROTEC-PLW0501D Datasheet
65Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW1201H PROTEC-PLW1201H Datasheet
57Kb / 3P
STANDARD CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_11 Datasheet
440Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PRSB6.8D PROTEC-PRSB6.8D Datasheet
448Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PRSB6.8D PROTEC-PRSB6.8D_12 Datasheet
450Kb / 6P
LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_12 Datasheet
442Kb / 6P
LOW CAPACITANCE TVS COMPONENT
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
STANDARD CAPACITANCE TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com