Electronic Components Datasheet Search
  English  ▼

X  

PLW0501H Datasheet(PDF) 3 Page - Protek Devices

Part # PLW0501H
Description  STANDARD CAPACITANCE TVS COMPONENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW0501H Datasheet(HTML) 3 Page - Protek Devices

  PLW0501H Datasheet HTML 1Page - Protek Devices PLW0501H Datasheet HTML 2Page - Protek Devices PLW0501H Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
05239.R2 2/07
www.protekdevices.com
PLW0501H
SC-79 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
NOTES
1. Controlling Dimensions in Millimeters.
2. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SC79 PACKAGE
MOUNTING PAD
A
B
C
D
E
F
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
0.049
0.035
0.066
0.028
0.008
0.043
0.028
0.059
0.020
0.003
1.10
0.70
1.50
0.50
0.08
1.30
0.90
1.70
0.70
0.20
0.012 BSE
0.30 BSE
C
A
F
B
D
E
0.075”
(1.90mm)
0.015”
(0.38mm)
0.020”
(0.50mm)
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T73 = 7 Inch Reel - 3,000 pieces per 8mm tape
,
i.e., PLW05010H-T73.
3. Suffix-LF = Lead-Free, Pure Tin Plating, i.e., PLW0501H-LF-T73.
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
Indicated
by Band
Empty
Pocket
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
1.00 ± 0.10 1.95 ± 0.05 0.75 ± 0.05
Outline & Dimensions: Rev 2 - 9/05, 06037



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com